Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LND01 Datasheet(PDF) 3 Page - Microchip Technology

Part # LND01
Description  Lateral N-Channel Depletion-Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LND01 Datasheet(HTML) 3 Page - Microchip Technology

  LND01 Datasheet HTML 1Page - Microchip Technology LND01 Datasheet HTML 2Page - Microchip Technology LND01 Datasheet HTML 3Page - Microchip Technology LND01 Datasheet HTML 4Page - Microchip Technology LND01 Datasheet HTML 5Page - Microchip Technology LND01 Datasheet HTML 6Page - Microchip Technology LND01 Datasheet HTML 7Page - Microchip Technology LND01 Datasheet HTML 8Page - Microchip Technology LND01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, for all specifications TA =TJ = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–25
—
+125
°C
PACKAGE THERMAL RESISTANCE
5-lead SOT-23
JA
—
253
—
°C/W
THERMAL CHARACTERISTICS
Package
ID ( 1)
(Continuous)
(mA)
ID
(Pulsed)
(mA)
Power Dissipation at TC = 25°C
(W)
5-lead SOT-23
330
600
0.36
Note 1: ID (continuous) is limited by maximum TJ.
 2017 Microchip Technology Inc.
DS20005696A-page 3
LND01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com