Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS02DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS02DR
Description  SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS02DR Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS02DR Datasheet HTML 1Page - Texas Instruments SN74HCS02DR Datasheet HTML 2Page - Texas Instruments SN74HCS02DR Datasheet HTML 3Page - Texas Instruments SN74HCS02DR Datasheet HTML 4Page - Texas Instruments SN74HCS02DR Datasheet HTML 5Page - Texas Instruments SN74HCS02DR Datasheet HTML 6Page - Texas Instruments SN74HCS02DR Datasheet HTML 7Page - Texas Instruments SN74HCS02DR Datasheet HTML 8Page - Texas Instruments SN74HCS02DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1A
1Y
1B
2Y
2A
2B
GND
4Y
V
CC
4B
4A
3Y
3B
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
3
SN74HCS02
www.ti.com
SCLS776A – DECEMBER 2019 – REVISED MAY 2020
Product Folder Links: SN74HCS02
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
D or PW Package
14-Pin SOIC or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1Y
1
Output
Channel 1, Output Y
1A
2
Input
Channel 1, Input A
1B
3
Input
Channel 1, Input B
2Y
4
Output
Channel 2, Output Y
2A
5
Input
Channel 2, Input A
2B
6
Input
Channel 2, Input B
GND
7
—
Ground
3A
8
Input
Channel 3, Input A
3B
9
Input
Channel 3, Input B
3Y
10
Output
Channel 3, Output Y
4A
11
Input
Channel 4, Input A
4B
12
Input
Channel 4, Input B
4Y
13
Output
Channel 4, Output Y
VCC
14
—
Positive Supply
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. Do not exceed the absolute
maximum voltage supply rating.
(3)
Guaranteed by design.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
IIK
Input clamp current(2)
VI < –0.5 or VI > VCC +
0.5
±20
mA
IOK
Output clamp current(2)
VO < –0.5 or VO > VCC +
0.5
±20
mA
IO
Continuous output current
VO = 0 to VCC
±35
mA
Continuous current through VCC or GND
±70
mA
TJ
Junction temperature(3)
150
°C
Tstg
Storage temperature
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com