Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS02DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS02DR
Description  SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS02DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS02DR Datasheet HTML 1Page - Texas Instruments SN74HCS02DR Datasheet HTML 2Page - Texas Instruments SN74HCS02DR Datasheet HTML 3Page - Texas Instruments SN74HCS02DR Datasheet HTML 4Page - Texas Instruments SN74HCS02DR Datasheet HTML 5Page - Texas Instruments SN74HCS02DR Datasheet HTML 6Page - Texas Instruments SN74HCS02DR Datasheet HTML 7Page - Texas Instruments SN74HCS02DR Datasheet HTML 8Page - Texas Instruments SN74HCS02DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74HCS02
SCLS776A – DECEMBER 2019 – REVISED MAY 2020
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
1
1 Features
1
•
Wide operating voltage range: 2 V to 6 V
•
Schmitt-trigger inputs allow for slow or noisy input
signals
•
Low power consumption
–
Typical ICC of 100 nA
–
Typical input leakage current of ±100 nA
•
±7.8-mA output drive at 5 V
•
Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
•
Alarm / tamper detect circuit
•
S-R latch
3 Description
This device contains four independent 2-input NOR
Gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A + B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS02DR
SOIC (14)
8.70 mm × 3.90 mm
SN74HCS02PWR
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Benefits of Schmitt-trigger Inputs


Similar Part No. - SN74HCS02DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS02DR TI-SN74HCS02DR Datasheet
1Mb / 24P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS02DR TI2-SN74HCS02DR Datasheet
1Mb / 30P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
REVISED JANUARY 2021
SN74HCS02DR.A TI2-SN74HCS02DR.A Datasheet
1Mb / 30P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
REVISED JANUARY 2021
More results

Similar Description - SN74HCS02DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC7002 TI-SN54HC7002 Datasheet
215Kb / 9P
QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7002 TI-SN54HC7002_06 Datasheet
335Kb / 11P
QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7002 TI1-SN54HC7002_15 Datasheet
895Kb / 14P
QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN74HCS02-Q1 TI1-SN74HCS02-Q1 Datasheet
293Kb / 17P
SN74HCS02-Q1 Automotive Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS02-Q1 TI1-SN74HCS02-Q1_V01 Datasheet
332Kb / 18P
SN74HCS02-Q1 Automotive Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS02 TI1-SN74HCS02 Datasheet
330Kb / 18P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS7002 TI1-SN74HCS7002 Datasheet
368Kb / 19P
SN74HCS7002 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS7002 TI1-SN74HCS7002_V01 Datasheet
994Kb / 23P
SN74HCS7002 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS02 TI-SN74HCS02_V02 Datasheet
1Mb / 24P
SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS02-Q1 TI-SN74HCS02-Q1_V02 Datasheet
1Mb / 27P
SN74HCS02-Q1 Automotive Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com