Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908101 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1908101
Description  Printed-circuit board connector - FK-MC 0,5/ 8-ST-2,5 BK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908101 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1908101 Datasheet HTML 1Page - PHOENIX CONTACT 1908101 Datasheet HTML 2Page - PHOENIX CONTACT 1908101 Datasheet HTML 3Page - PHOENIX CONTACT 1908101 Datasheet HTML 4Page - PHOENIX CONTACT 1908101 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1908101
18.10.2012   Page 4 / 5
Printed-circuit board connector - FK-MC 0,5/ 8-ST-2,5
BK - 1908101
Accessories
Accessories
Marking
Marker cards - SK 2,54/2,8:FORTL.ZAHLEN - 0804853
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - 99,
Mounting type: Adhesive, For terminal block width: 2.54 mm
 
 
Tools
Screwdriver - SZS 0,4X2,0 - 1205202
Micro screwdriver, bladed, size: 0.4 x 2.0 x 60 mm, 2-component grip, with non-slip grip and twist cap
 
 
Drawings
Diagram
100
80
60
40
20
0
4
8
6
2
0
1
2
3
=2-pos.
=5-pos.
=12-pos.
1
3
2
Ambienttemperature[°C]
Type: FK-MC 0,5/...-ST-2,5 with MC 0,5/...-G-2,5
Diagram
100
80
60
40
20
0
4
8
6
2
0
1
2
3
=0,14mm²
=0,2mm²
=0,34mm²
3
2
1
Ambienttemperature[°C]
Type: FK-MC 0,5/...-ST-2,5 with MC 0,5/...-G-2,5
Diagram
Umgebungstemperatur[°C]
100
80
60
40
20
0
1
2
3
4
5
6
7
8
0
=2-pos.
=5-pos.
=12-pos.
Type: FK-MC 0,5/...-ST-2,5 with MCV 0,5/...-G-2,5 THT
Diagram
Umgebungstemperatur[°C]
100
80
60
40
20
0
1
2
3
4
5
6
7
8
0
=2-pos.
=5-pos.
=12-pos.
Type: FK-MC 0,5/...-ST-2,5 with MC 0,5/...-G-2,5 THT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com