Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908101 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908101
Description  Printed-circuit board connector - FK-MC 0,5/ 8-ST-2,5 BK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908101 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908101 Datasheet HTML 1Page - PHOENIX CONTACT 1908101 Datasheet HTML 2Page - PHOENIX CONTACT 1908101 Datasheet HTML 3Page - PHOENIX CONTACT 1908101 Datasheet HTML 4Page - PHOENIX CONTACT 1908101 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1908101
18.10.2012   Page 1 / 5
Printed-circuit board connector - FK-MC 0,5/ 8-ST-2,5
BK - 1908101
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 4 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 2.5
mm, Connection method: Spring-cage connection, Color: Black, Contact surface: Tin
 
Key commercial data
Packing unit
1
Minimum order quantity
1
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
2.5 mm
Dimension a
17.5 mm
Number of positions
8
Technical data
Range of articles
FK-MC 0,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
1.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Connection in acc. with standard
EN-VDE
Nominal current IN
4 A
Nominal voltage UN
80 V
Nominal cross section
0.5 mm²
Maximum load current
4 A (with 0.5 mm2 conductor cross section)
Insulating material
PA
Inflammability class according to UL 94
V0
Stripping length
8 mm
Nominal voltage, UL/CUL Use Group B
125 V
Nominal current, UL/CUL Use Group B
4 A


Similar Part No. - 1908101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1908114 PHOENIX-1908114 Datasheet
84Kb / 5P
Printed-circuit board connector - FK-MC 0.5/ 7-ST-2.5 BLACK
More results

Similar Description - 1908101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1881383 PHOENIX-1881383 Datasheet
163Kb / 5P
FK-MC 0,5/ 8-ST-2,5
1923432 PHOENIX-1923432 Datasheet
84Kb / 4P
Printed-circuit board connector - FK-MC 0,5/12-ST-2,5 AU
1700841 PHOENIX-1700841 Datasheet
96Kb / 4P
Printed-circuit board connector - FK-MC 0,5/10-ST-2,5 BK
1701061 PHOENIX-1701061 Datasheet
67Kb / 4P
Printed-circuit board connector - FK-MC 0,5/ 9-ST-2,5 BK
1704755 PHOENIX-1704755 Datasheet
66Kb / 4P
FK-MC 0,5/ 6-ST-2,5 BK
1706260 PHOENIX-1706260 Datasheet
59Kb / 4P
Printed-circuit board connector - FK-MC 0,5/ 2-ST-2,5 KMGYLP:-,
1754115 PHOENIX-1754115 Datasheet
56Kb / 4P
Printed-circuit board connector - FK-MC 0,5/ 2-ST-2,5 BKBDWH:A,B
1755279 PHOENIX-1755279 Datasheet
80Kb / 5P
Printed-circuit board connector - FK-MC 0,5/12-ST-2,5 BK
1923720 PHOENIX-1923720 Datasheet
80Kb / 5P
Printed-circuit board connector - FK-MC 0,5/11-ST-2,5 BK
1964996 PHOENIX-1964996 Datasheet
56Kb / 4P
Printed-circuit board connector - FK-MC 0,5/10-ST-2,5 BD:1-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com