Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 2 Page - Formosa MS

Part # BAV70
Description  Dual Series Switching Diode - Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAV70 Datasheet(HTML) 2 Page - Formosa MS

  BAV70 Datasheet HTML 1Page - Formosa MS BAV70 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES for each diode (BAL99 BAW56 BAV70 BAV99)
Notes:
Notes:
» t
Recovery Time Equivalent Test Circuit
820 OHM
+10V
2 K
0.1 uF
100uH
0.1 uF
DUT
50 OHM OUTPUT
PULSE
GENERATOR
50 OHM INPUT
SAMPLING
OSCILLOSCOPE
I
F
t
r
V
R
t
10%
90%
t
p
t
r
t
IR(REC)=1 mA
OUTPUT PULSE
(IF=IR=10mA;measured
at iR(REC)=1mA)
1. A2.0 Kohm variable resistor adjusted for a forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp >> trr.
Notes :
100
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
o
TA=85 C
o
TA=25 C
o
TA=-40 C
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
10
0
1.0
0.1
0.01
0.001
10
20
30
40
50
o
TA=55 C
o
TA=85 C
o
TA=125 C
o
TA=150 C
o
TA=25 C
REVERSE VOLTAGE, (V)
FIG.2 - Leakage Current
CHARACTERISTICS
0.68
0
0.64
0.60
0.56
0.52
2
4
6
8
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com