Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 1 Page - Formosa MS

Part # BAV70
Description  Dual Series Switching Diode - Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAV70 Datasheet(HTML) 1 Page - Formosa MS

  BAV70 Datasheet HTML 1Page - Formosa MS BAV70 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Series Switching Diode
BAL99
BAW56
BAV70
BAV99
Silicon epitaxial planar type
Features
Small surface mounting type
High reliability
High speed ( trr < 1.5 ns )
Mechanical data
Case : SOT-23
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Mounting Position : Any
MAXIMUM RATINGS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Repetitive peak reverse voltage
VRRM
70
V
Reverse voltage
VR
70
V
Peak forward surge current
tp = 1 us
IFSM
2.0
A
Repetitive peak forward current
IFRM
450
mA
Forward current
IF
215
mA
Average forward current
VR = 0
IFAV
715
mA
Power dissipation
PD
225
mW
Junction temperature
Tj
175
o C
Storage temperature
TSTG
-55
+150
o C
Formosa MS
SOT-23
Dimensions in inches and (millimeters)
ELECTRICAL CHARACTERISTICS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
IF = 10mA
VF
0.855
V
IF = 150mA
VF
1.250
V
VR = 70V
IR
2.5
uA
VR = 20V , Tj = 150
o C
IR
30
uA
VR = 70V , Tj = 150
o C
IR
50
uA
Breakdown current
IR = 100uA , TP /T = 0.01 TP = 0.3ms
V(BR)
70
V
Diode capacitance
VR = 0 , f = 1MHz , VHF = 50mV
CD
1.5
pF
Reverse recovery time
IF =10mA, VR = 10mA, IRR = 0.1 X IR , RL =100OHM
trr
6
ns
Forward voltage
Reverse current
0.033 (0.85)
0.045 (1.15)
R 0.05
(0.002)
0.055 (1.40)
0.047 (1.20)
0.102 (2.60)
0.094 (2.40)
0.028 (0.70)
0.020 (0.50)
(A)
(B)
(C)
SINGLE(Alt)
COMMON ANODE COMMON CATHODE
BAL99
BAW56
BAV70
SERIES
BAV99


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N914 FORMOSA-1N914 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
BAL99W FORMOSA-BAL99W Datasheet
100Kb / 2P
Dual Series Switching Diode - Silicon epitaxial planar type
BAS16 FORMOSA-BAS16 Datasheet
71Kb / 2P
Switching Diode - Silicon epitaxial planar type
MCL4448 FORMOSA-MCL4448 Datasheet
70Kb / 2P
Switching Diode - Silicon epitaxial planar type
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com