Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 2 Page - Formosa MS

Part # DB3
Description  DIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DB3 Datasheet(HTML) 2 Page - Formosa MS

  DB3 Datasheet HTML 1Page - Formosa MS DB3 Datasheet HTML 2Page - Formosa MS DB3 Datasheet HTML 3Page - Formosa MS DB3 Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Formosa MS
DB3
Formosa MS
2
Electrical Characteristics
(Tj=25? unless otherwise specified)
Parameter
Symbol
Test Conditions
Value
Unit
MIN.
28
TYP.
32
Breakover voltage*
VBO
C=22nF**
MAX.
36
V
Breakover voltage symmetry
|VBO1-VBO2|
C=22nF**
MAX.
± 3
V
Dynamic breakover voltage*
? V
VBO and VF at 10mA
MIN.
5
V
Output voltage*
VO
see diagram 2(R=20O )
MIN.
5
V
Breakover current*
IBO
C=22nF**
MAX.
50
µ A
Rise time*
tr
see diagram 3
MAX.
2
µ s
Leakage current*
IR
VR=0.5VBO max
MAX.
10
µ A
*Applicable to both forward and reverse directions.
**Connected in parallel to the device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com