Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 1 Page - Formosa MS

Part # DB3
Description  DIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DB3 Datasheet(HTML) 1 Page - Formosa MS

  DB3 Datasheet HTML 1Page - Formosa MS DB3 Datasheet HTML 2Page - Formosa MS DB3 Datasheet HTML 3Page - Formosa MS DB3 Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Formosa MS
DB3
Formosa MS
1
DIAC
Features
1.
VBO: 32V
2.
Breakover voltage range: 28 to 36V
Applications
Functioning as a trigger diode with a fixed voltage
reference, the DB3 can be used in conjunction
with triacs for simplified gate control circuits or as
a starting element in fl uorescent lamp ballasts.
Absolute Maximum Ratings
(Limiting values)
Parameter
Symbol
Value
Unit
Repetitive peak on-state current (tp=20µ s F=120 Hz)
ITRM
2
A
Operating junction temperature range
Tj
-40 ~ +125
?
Storage temperature range
Tstg
-40 ~ +125
?


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMDB3 STMICROELECTRONICS-TMMDB3 Datasheet
51Kb / 4P
DIAC
Mar-2001
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
STMicroelectronics
SMDB3 STMICROELECTRONICS-SMDB3 Datasheet
59Kb / 5P
DIAC
Oct-2001
logo
List of Unclassifed Man...
FD0200YR ETC1-FD0200YR Datasheet
91Kb / 2P
DIAC
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3_01 Datasheet
62Kb / 5P
DIAC
Oct-2001
logo
SHENZHEN YONGERJIA INDU...
LLDB4 WINNERJOIN-LLDB4 Datasheet
161Kb / 4P
DIAC
LLDB3 WINNERJOIN-LLDB3 Datasheet
131Kb / 4P
DIAC
logo
Kersemi Electronic Co.,...
TMMDB3TG KERSEMI-TMMDB3TG Datasheet
395Kb / 4P
DIAC
TMMDB3 KERSEMI-TMMDB3 Datasheet
395Kb / 4P
DIAC
SMDB3 KERSEMI-SMDB3 Datasheet
404Kb / 5P
DIAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com