Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8610 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP8610
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8610 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP8610 Datasheet HTML 3Page - Sipex Corporation SP8610 Datasheet HTML 4Page - Sipex Corporation SP8610 Datasheet HTML 5Page - Sipex Corporation SP8610 Datasheet HTML 6Page - Sipex Corporation SP8610 Datasheet HTML 7Page - Sipex Corporation SP8610 Datasheet HTML 8Page - Sipex Corporation SP8610 Datasheet HTML 9Page - Sipex Corporation SP8610 Datasheet HTML 10Page - Sipex Corporation SP8610 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
85
INPUT VOLTAGE RANGE AND LSB VALUES
Input Voltage Range Defined As:
0V to +10V
0V to +5V
Analog Input Connected to Pin
2
3
Pin Connected to AGND
3
2
One Least Significant Bit (LSB)
FSR/212
10V/212
5V/212
2.44mV
1.22mV
OUTPUT TRANSITION VALUES
FFEH TO FFFH
+ FULL SCALE
+10V–3/2LSB
+5V–3/2LSB
+9.963V
+4.9982V
7FFH TO 800H
Mid Scale
4.9988V
2.4994V
000H to 001H
0V
1.22mV
0.6mV
Table 2. Input Voltages, Transition Voltages and LSB Values
FFE
H = 4094DEC.
+10V Range Offset and Gain
Offset — Apply 0.0012V to the +10V input at
pin 2. Adjust the offset potentiometer until the
LSB toggles on and off at code 0000 0000
0000
BIN = 000H = 0000DEC.
Gain — Apply 9.9963V to the +10V input at pin
2. Adjust the gain potentiometer until the LSB
toggles on and off at code 1111 1111 1110
BIN =
FFE
H = 4094DEC.
Layout Considerations
Because of the high resolution and linearity of the
SP86XX Series, system design problems such as
groundpathresistanceandcontactresistancebecome
very important.
The input resistance of the SP86XX Series is 6.3k
Ω
or 4.2K
Ω (for the 10V and 5V ranges respectively).
connections as shown in Figure 2 should be used.
Calibration Procedure
Apply a precision input voltage source to your
chosen input range (10V range at pin 2 or 5V at
pin 3). Set the A/D to convert continuously.
Monitor the output code. Trim the offset first,
then gain. Use the appropriate input voltages
and output target codes for your chosen input
range as follows. The recommended offset cali-
bration voltage values eliminate interaction be-
tween the offset and gain calibration
+5V Range Offset and Gain
Offset — Apply 0.0006V to the +5V input at pin
3. Adjust the offset potentiometer until the LSB
toggles on and off at code 0000 0000 0000
BIN =
000
H = 0000DEC.
Gain — Apply 4.9982V to the +5V input at pin
3. Adjust the gain potentiometer until the LSB
toggles on and off at code 1111 1111 1110
BIN =
SP86XX
2
3
4
5
6
7
R2=500Ω
+10V
Input
GAIN ADJUST
100
Ω
10K
Ω
UNIPOLAR ZERO ADJUST
R1=10KΩ
6.65K
Ω
–15V
+5V
SP86XX
2
3
4
5
6
7
GAIN ADJUST
R2=500Ω
+5V
Input
R1=10KΩ
+5V
–15V
10K
Ω
30.1K
Ω
301
Ω
Figure 3. a) 10V Range b) 5V Range — With External Trims
a)
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com