Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8610 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP8610
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8610 Datasheet(HTML) 5 Page - Sipex Corporation

  SP8610 Datasheet HTML 1Page - Sipex Corporation SP8610 Datasheet HTML 2Page - Sipex Corporation SP8610 Datasheet HTML 3Page - Sipex Corporation SP8610 Datasheet HTML 4Page - Sipex Corporation SP8610 Datasheet HTML 5Page - Sipex Corporation SP8610 Datasheet HTML 6Page - Sipex Corporation SP8610 Datasheet HTML 7Page - Sipex Corporation SP8610 Datasheet HTML 8Page - Sipex Corporation SP8610 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
83
FEATURES...
The SP86XX Series are specified at sampling
rates of 333kHz (SP8603), 200kHz (SP8605) or
100kHz (SP8610). Conversion times are factory
set for 2.70
µs, 4.7µs and 9.7µs maximum, re-
spectively,
over temperature, and the high-
speed sampling input stage insures a total acqui-
sition and conversion time of 3
µs, 5µs and 10µs
maximum, respectively, over temperature. Pre-
cision, laser-trimmed scaling resistors provide
industry-standard input ranges of 0V to +5V or
0V to +10V.
The 28-pin SP86XX Series are available in
narrow plastic DIP, and SOIC packages and it
operates from a single +5V supply. The SP86XX
Series are available in grades specified over the
0
°C to +70°C commercial temperature ranges.
OPERATION
Basic Operation
Figure 1 shows the simple hookup circuit required
to operate the SP86XX Series in a 0V to +10V
range in the Convert Mode. A convert command
arriving on R/C puts the SP86XX Series in the
HOLD mode, and a conversion is started. This
pulse must be LOW for a minimum of 40ns.
Because this pulse establishes the sampling instant
of the A/D, it must have very low jitter. BUSY will
be held LOW during the conversion, and rises only
after the conversion is completed and the data has
been transferred to the output drivers. Thus, the
rising edge can be used to read the data from the
conversion. Also, during conversion, the BUSY
signal puts the output data lines in Hi-Z states and
inhibits the input lines. This means that pulses on
R/C are ignored, so that new conversions cannot be
initiated during a conversion.
The SP86XX Series will begin acquiring a new
sample just prior to the BUSY output rising, and
will track the input signal until the next conversion
is started.
In the Read Mode, R/C is kept normally LOW, and
a HIGH pulse is used to read data and initiate a
conversion. In this mode, the rising edge of R/C
will enable the output data pins, and the data from
the previous conversion becomes valid. The fall-
ing edge then puts the SP86XX Series in a hold
mode, and initiates a new conversion.
Forusewithan8-bitbus,thedatacanbereadoutintwo
bytes under the control of HBE. With a LOW input
onHBE,attheendofaconversion,the8LSBsofdata
areloadedintotheoutputdriversonD
7 through D4 and
D
3 through D0. Taking HBE HIGH then loads the 4
MSBs on D
3 through D0, with D7 through D4 being
forced LOW.
Analog Input Ranges
The SP86XX Series offers two standard unipolar
input ranges: 0V to +10V and 0V to +5V. If a 10V
unipolar range is required, the analog input signal
should be connected to pin 2. A signal requiring a
5V unipolar range should be connected to pin 3. In
either case, the other pin of the two must be
grounded or connected to the adjustment circuits
described in the section on calibration.
Controlling The SP86XX Series
The SP86XX Series can be easily interfaced to most
microprocessor-based and other digital systems. The
microprocessor may take full control of each conver-
sion, or the SP86XX Series may operate in a stand-
alone mode, controlled only by the R/C input. Full
control consists of initiating the conversion and read-
ingtheoutputdataatusercommand,transmittingdata
either all 12-bits in one parallel word, or in two 8-bit
bytes.Thethreecontrolinputs(CS,R/CandHBE)are
all TTL/CMOS compatible. The functions of the
Figure 1. Basic 0V to 10V Operation
2
3
4
5
6
7
8
9
10
11
12
13
27
26
25
24
23
22
21
20
19
18
17
16
D0
(LSB)
Busy
Convert
Command
0.1µF
6.8µF +
+5V
+5V
+5V
N.C.
BUSY
CS
R/C
HBE
D0 (LSB)
D1
D2
D3
DGND
IN 1
IN 2
VREF
AGND
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D11
(MSB)
Data
Out
Input
1
28
N.C.
N.C.
N.C.
N.C.
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com