Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3040708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3040708
Description  SP 2,5/ 1 GNYE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3040708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3040708 Datasheet HTML 1Page - PHOENIX CONTACT 3040708 Datasheet HTML 2Page - PHOENIX CONTACT 3040708 Datasheet HTML 3Page - PHOENIX CONTACT 3040708 Datasheet HTML 4Page - PHOENIX CONTACT 3040708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 10, 2011
Extract from the online
catalog
 
SP 2,5/ 1 GNYE
Order No.: 3040708
The illustration shows a 6-pos. version in gray
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3040708
 
 
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: green-yellow
 
Commercial data
GTIN (EAN)
4
017918
832551
sales group
A671
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 278 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions
Width
5.2 mm
Length
15.8 mm
Height
39 mm


Similar Part No. - 3040708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3040708 PHOENIX-3040708 Datasheet
150Kb / 11P
SC 2,5/ 2
3040708 PHOENIX-3040708 Datasheet
154Kb / 11P
SC 2,5/ 1-L
3040708 PHOENIX-3040708 Datasheet
154Kb / 11P
SC 2,5/ 1-L BU
3040708 PHOENIX-3040708 Datasheet
155Kb / 11P
SC 2,5/ 1-L GNYE
3040708 PHOENIX-3040708 Datasheet
149Kb / 11P
SC 2,5/ 3
More results

Similar Description - 3040708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3040711 PHOENIX-3040711 Datasheet
201Kb / 15P
Plug - SPB 2,5/ 1 GNYE
3041040 PHOENIX-3041040 Datasheet
95Kb / 4P
SPV 2,5/ 1-L GNYE
3042201 PHOENIX-3042201 Datasheet
155Kb / 11P
SC 2,5/ 1-L GNYE
3042777 PHOENIX-3042777 Datasheet
206Kb / 5P
SP 4/ 1-L GNYE
3042803 PHOENIX-3042803 Datasheet
206Kb / 5P
SP 4/ 1-M GNYE
3042832 PHOENIX-3042832 Datasheet
206Kb / 5P
SP 4/ 1-R GNYE
3043129 PHOENIX-3043129 Datasheet
232Kb / 5P
SPB 2,5/ 1-L GNYE
3043187 PHOENIX-3043187 Datasheet
232Kb / 5P
SPB 2,5/ 1-R GNYE
3061046 PHOENIX-3061046 Datasheet
82Kb / 7P
Plug - SP 4/1 GNYE
3043064 PHOENIX-3043064 Datasheet
476Kb / 11P
Plug - SP 2,5/ 1-M GNYE
02/04/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com