Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3040708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3040708
Description  SP 2,5/ 1 GNYE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3040708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3040708 Datasheet HTML 1Page - PHOENIX CONTACT 3040708 Datasheet HTML 2Page - PHOENIX CONTACT 3040708 Datasheet HTML 3Page - PHOENIX CONTACT 3040708 Datasheet HTML 4Page - PHOENIX CONTACT 3040708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP 2,5/ 1 GNYE Order No.: 3040708
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3040708
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 10, 2011
Technical data
Maximum load current
24 A (with 2.5 mm2 conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 61984
Nominal current IN
24 A
Nominal voltage UN
500 V
Open side panel
nein
Number of positions
1
Connection data
Conductor cross section solid min.
0.08 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.08 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
28
Conductor cross section AWG/kcmil max
12
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
0.5 mm²
Type of connection
Spring-cage connection
Stripping length
10 mm
Internal cylindrical gage
A3
Certificates / Approvals
Certification
BV, CB, CSA, CUL, DNV, GL, GOST, LR, UL, VDE-PZI



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com