Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS320 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # BPS320
Description  BPS320 Series - 6 mm Analog Low Pressure Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BPS320 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  BPS320 Datasheet HTML 1Page - Bourns Electronic Solutions BPS320 Datasheet HTML 2Page - Bourns Electronic Solutions BPS320 Datasheet HTML 3Page - Bourns Electronic Solutions BPS320 Datasheet HTML 4Page - Bourns Electronic Solutions BPS320 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
02/20
BPS320 Series – 6 mm Analog Low Pressure Sensor
Packaging Specification
180
(7.087)DIA.
180
(7.087)DIA.
9.0
(.354)
PULL DIRECTION
13
(.512) DIA.
13
(.512) DIA.
WHITE BOX INDICATES
ACTIVE SIDE
11.9
(.469)
21
(.827)
DIA.
4.0
(.157)
16.0
(.630)
24.0
(.945)
2.0
(.079)
5
(.197)
4
(.157)
3
(.118)
60 °
60 °
60
(2.362) DIA.
11.4 ± 1.0
(.449 ± .039)
2.0 ± 0.5
(.079 ± .197)
LABEL
10
(.394)
DIA.
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com