Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS320 Datasheet (PDF) - Bourns Electronic Solutions

BPS320 Datasheet PDF - Bourns Electronic Solutions
Part # BPS320
Download  BPS320 Download
File Size   589.11 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS320 Series - 6 mm Analog Low Pressure Sensor

BPS320 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPS320 Datasheet PDF - Bourns Electronic Solutions

Part # BPS320
Download  BPS320 Click to download

File Size   589.11 Kbytes
Page   5 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS320 Series - 6 mm Analog Low Pressure Sensor

BPS320 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - BPS320

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPS3-12 BB-BATTERY-BPS3-12 Datasheet
108Kb / 1P
Maintenance Free(topping up not needed)
BPS3-6 BB-BATTERY-BPS3-6 Datasheet
109Kb / 1P
Maintenance Free(topping up not needed)
BPS3.6-12 BB-BATTERY-BPS3.6-12 Datasheet
109Kb / 1P
Maintenance Free(topping up not needed)
logo
K.A. Schmersal GmbH & C...
BPS300 SCHMERSAL-BPS300 Datasheet
73Kb / 1P
SWITCH, SAFETY, MAGNETIC; For Use With:Safety Sensors; IP / NEMA Rating:-; Product Range:-
2011-04-21
BPS300 SCHMERSAL-BPS300 Datasheet
282Kb / 3P
Thermoplastic enclosure
More results


Similar Description - BPS320

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP219N3621 INFINEON-KP219N3621 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-13
KP229E3518 INFINEON-KP229E3518 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-09-27
KP229L2920 INFINEON-KP229L2920 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2010-06-29
KP229E3111 INFINEON-KP229E3111 Datasheet
1Mb / 25P
Analog Absolute Pressure Sensor
Revision 1.0, 2012-07-27
logo
Bourns Electronic Solut...
BPS110 BOURNS-BPS110 Datasheet
537Kb / 5P
12 mm Analog Low Pressure Sensor
BPS120 BOURNS-BPS120 Datasheet
726Kb / 6P
12 mm Digital Low Pressure Sensor
logo
Bosch Sensortec GmbH
BMD040 BOSCH-BMD040 Datasheet
323Kb / 15P
Analog pressure sensor
logo
Bourns Electronic Solut...
BPS330 BOURNS-BPS330 Datasheet
633Kb / 4P
BPS330 Series - 8 mm Analog Medium Pressure Sensor
BPS340 BOURNS-BPS340 Datasheet
547Kb / 4P
BPS340 Series - 9 mm Analog Medium Pressure Sensor
logo
Silicon Microstructures...
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
Ultra-Low Pressure Analog Sensor
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com