Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS330 Datasheet (PDF) - Bourns Electronic Solutions

BPS330 Datasheet PDF - Bourns Electronic Solutions
Part # BPS330
Download  BPS330 Download
File Size   633.06 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS330 Series - 8 mm Analog Medium Pressure Sensor

BPS330 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPS330 Datasheet PDF - Bourns Electronic Solutions

Part # BPS330
Download  BPS330 Click to download

File Size   633.06 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS330 Series - 8 mm Analog Medium Pressure Sensor

BPS330 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - BPS330

ManufacturerPart #DatasheetDescription
logo
K.A. Schmersal GmbH & C...
BPS33 SCHMERSAL-BPS33 Datasheet
97Kb / 2P
SWITCH, SAFETY, MAGNETIC; For Use With:Safety Sensors; IP / NEMA Rating:-; Product Range:-; Actuator...
2011-04-21
logo
B. B. Battery Co., Ltd.
BPS33-12F BB-BATTERY-BPS33-12F Datasheet
127Kb / 1P
Maintenance Free(topping up not needed)
BPS33-12H BB-BATTERY-BPS33-12H Datasheet
142Kb / 1P
Maintenance Free(topping up not needed)
BPS33-12S BB-BATTERY-BPS33-12S Datasheet
116Kb / 1P
Maintenance Free(topping up not needed)
BPS33-6 BB-BATTERY-BPS33-6 Datasheet
121Kb / 1P
Maintenance Free(topping up not needed)
More results


Similar Description - BPS330

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BPS110 BOURNS-BPS110 Datasheet
537Kb / 5P
12 mm Analog Low Pressure Sensor
logo
Bosch Sensortec GmbH
BMD040 BOSCH-BMD040 Datasheet
323Kb / 15P
Analog pressure sensor
logo
Bourns Electronic Solut...
BPS320 BOURNS-BPS320 Datasheet
589Kb / 5P
BPS320 Series - 6 mm Analog Low Pressure Sensor
BPS340 BOURNS-BPS340 Datasheet
547Kb / 4P
BPS340 Series - 9 mm Analog Medium Pressure Sensor
logo
Silicon Microstructures...
SM1216-HGC-S-060-001 SMI-SM1216-HGC-S-060-001 Datasheet
621Kb / 7P
Medium Pressure Analog Sensor
SM1291-HGE-S-015-001 SMI-SM1291-HGE-S-015-001 Datasheet
670Kb / 8P
Medium Pressure Digital Sensor
SM1291-HGL-S-200-000 SMI-SM1291-HGL-S-200-000 Datasheet
655Kb / 8P
Medium Pressure Digital Sensor
SM1331-BCE-S-200-000 SMI-SM1331-BCE-S-200-000 Datasheet
676Kb / 7P
Medium Pressure Digital Sensor
SM4331-BCE-S-005-000 SMI-SM4331-BCE-S-005-000 Datasheet
695Kb / 7P
Medium Pressure Digital Sensor
SM6844-015-A-B-5-S SMI-SM6844-015-A-B-5-S Datasheet
538Kb / 6P
Medium Pressure Sensor Analog Output
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com