Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS340 Datasheet (PDF) - Bourns Electronic Solutions

BPS340 Datasheet PDF - Bourns Electronic Solutions
Part # BPS340
Download  BPS340 Download
File Size   547.06 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS340 Series - 9 mm Analog Medium Pressure Sensor

BPS340 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPS340 Datasheet PDF - Bourns Electronic Solutions

Part # BPS340
Download  BPS340 Click to download

File Size   547.06 Kbytes
Page   4 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BPS340 Series - 9 mm Analog Medium Pressure Sensor

BPS340 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - BPS340

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPS3-12 BB-BATTERY-BPS3-12 Datasheet
108Kb / 1P
Maintenance Free(topping up not needed)
BPS3-6 BB-BATTERY-BPS3-6 Datasheet
109Kb / 1P
Maintenance Free(topping up not needed)
BPS3.6-12 BB-BATTERY-BPS3.6-12 Datasheet
109Kb / 1P
Maintenance Free(topping up not needed)
logo
K.A. Schmersal GmbH & C...
BPS300 SCHMERSAL-BPS300 Datasheet
73Kb / 1P
SWITCH, SAFETY, MAGNETIC; For Use With:Safety Sensors; IP / NEMA Rating:-; Product Range:-
2011-04-21
BPS300 SCHMERSAL-BPS300 Datasheet
282Kb / 3P
Thermoplastic enclosure
More results


Similar Description - BPS340

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BPS110 BOURNS-BPS110 Datasheet
537Kb / 5P
12 mm Analog Low Pressure Sensor
logo
Bosch Sensortec GmbH
BMD040 BOSCH-BMD040 Datasheet
323Kb / 15P
Analog pressure sensor
logo
Bourns Electronic Solut...
BPS320 BOURNS-BPS320 Datasheet
589Kb / 5P
BPS320 Series - 6 mm Analog Low Pressure Sensor
BPS330 BOURNS-BPS330 Datasheet
633Kb / 4P
BPS330 Series - 8 mm Analog Medium Pressure Sensor
logo
Silicon Microstructures...
SM1216-HGC-S-060-001 SMI-SM1216-HGC-S-060-001 Datasheet
621Kb / 7P
Medium Pressure Analog Sensor
SM1291-HGE-S-015-001 SMI-SM1291-HGE-S-015-001 Datasheet
670Kb / 8P
Medium Pressure Digital Sensor
SM1291-HGL-S-200-000 SMI-SM1291-HGL-S-200-000 Datasheet
655Kb / 8P
Medium Pressure Digital Sensor
SM1331-BCE-S-200-000 SMI-SM1331-BCE-S-200-000 Datasheet
676Kb / 7P
Medium Pressure Digital Sensor
SM4331-BCE-S-005-000 SMI-SM4331-BCE-S-005-000 Datasheet
695Kb / 7P
Medium Pressure Digital Sensor
SM6844-015-A-B-5-S SMI-SM6844-015-A-B-5-S Datasheet
538Kb / 6P
Medium Pressure Sensor Analog Output
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com