Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8205AG-AG6-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # UT8205AG-AG6-R
Description  Dual N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT8205AG-AG6-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  UT8205AG-AG6-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual N-Channel MOSFET
FEATURES
•
Halogen-free Option Available
•
TrenchFET® Power MOSFETs
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.024 at VGS = 4.5 V
6.0
0.028 at VGS = 2.5 V
5.0
Notes:
a. Surface Mounted on FR4 board, t
≤ 10 s.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
6.0
5.2
A
TA = 70 °C
4.8
4.2
Pulsed Drain Current
IDM
30
Continuous Source Current (Diode Conduction)a
IS
1.5
1.0
Maximum Power Dissipationa
TA = 25 °C
PD
1.5
1.0
W
TA = 70 °C
0.96
0.64
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
72
83
°C/W
Steady State
100
120
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
55
70
Available
Pb-free
RoHS*
COMPLIANT
G1
S1
G2
D
S2
D
D1/D2
TSOP6
Top View
S2
D1/D2
S1
G2
G1
1
2
3
6
5
4
•
100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT8205AG-AG6-R
1


Similar Part No. - UT8205AG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT8205AG-AG6-R UTC-UT8205AG-AG6-R Datasheet
223Kb / 3P
N-CHANNEL ENHANCEMENT MODE
UT8205AG-AG6-R UTC-UT8205AG-AG6-R Datasheet
261Kb / 3P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT8205AG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com