Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8205AG-AG6-R Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # UT8205AG-AG6-R
Description  Dual N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT8205AG-AG6-R Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  UT8205AG-AG6-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT8205AG-AG6-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
On-Resistance vs. Junction Temperature
0
0.5
1
.0
1
.5
2
.0
4.5
6.0
0
1234
5
VGS = 5 thru 3 V
2 V
2.5 V
VDS - Drain-to-Source Voltage (V)
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
ID = 5.5 A
TJ - Junction Temperature (°C)
Transfer Characteristics
Gate Charge
Source-Drain Diode Forward Voltage
0
0.5
1
.0
1
.5
2
.0
2
.5
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
25 °C
0
1
2
3
4
5
0
3
6
9
12
15
VDS = 10 V
ID = 5.5 A
Qg - Total Gate Charge (nC)
1.2
1.5
0.1
10
40
0
0.3
0.6
0.9
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1
1 V
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT8205AG-AG6-R
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com