Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A18KTC Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # ZXMP6A18KTC
Description  P-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMP6A18KTC Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  ZXMP6A18KTC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel 60 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % UIS Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
High Side Switch for Full Bridge Converter
•
DC/DC Converter for LCD Display
Notes:
a. Duty cycle
1 %.
b. When mounted on 1" square PCB (FR-4 material).
c. See SOA curve for voltage derating.
d. Based up on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
d
Qg (Typ)
- 60
0.053 at VGS = - 10 V
- 25
26
0.062 at VGS = - 4.5 V
- 20
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise note)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 25
A
TC = 125 °C
- 20
Pulsed Drain Current
IDM
- 100
Avalanche Current, Single Pulse
L = 0.1 mH
IAS
- 22
Repetitive Avalanche Energy, Single Pulsea
EAS
24.2
mJ
Power Dissipation
TC = 25 °C
PD
38.5c
W
TA = 25 °C
2.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
TO-252
S
GD
Top View
Drain Connected to Tab
S
G
D
P-Channel MOSFET
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
t
 10 s
RthJA
17
21
°C/W
Steady State
45
55
Maximum Junction-to-Case
RthJC
2.7
3.25
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
ZXMP6A18KTC
1


Similar Part No. - ZXMP6A18KTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A18KTC ZETEX-ZXMP6A18KTC Datasheet
582Kb / 8P
60V P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP6A18KTC DIODES-ZXMP6A18KTC Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Inchange Semiconductor ...
ZXMP6A18KTC ISC-ZXMP6A18KTC Datasheet
308Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - ZXMP6A18KTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com