Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A18KTC Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # ZXMP6A18KTC
Description  P-Channel 60 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ZXMP6A18KTC Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  ZXMP6A18KTC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ZXMP6A18KTC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
5
10
15
20
25
30
0
246
8
10
VDS -)
V
(
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
3 V
VGS = 10 thru 5 V
4 V
VGS - Gate-to-Source Voltage (V)
25 °C
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
TC = - 55 °C
125 °C
0
300
600
900
1200
1500
1800
0
102030
405060
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VGS - Gate-to-Source Voltage (V)
25 °C
- 55 °C
TC = 125 °C
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
4
8
12
16
20
0
10203040
50
Qg - Total Gate Charge (nC)
VDS = 30 V
ID = 10 A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
ZXMP6A18KTC
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com