Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM05C Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASM05C
Description  2-Line Bi-directional TVS Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASM05C Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASM05C Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASM05C Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASM05C Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASM05C Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASM05C Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASM05C Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revision 12/2017
1 of 6
www.appliedpowermicro.com
Description
The ASMXXC is a bi-directional TVS diode array, utilizing
leading monolithic silicon technology to provide fast re-
sponse time and low ESD clamping voltage, making this
device an ideal solution for protecting sensitive semicon-
ductor components from damage. The ASMXXC com-
plies with the IEC 61000-4-2 (ESD) with ±30kV air and
±30kV contact discharge. It is assembled into a lead-free
SOT-23 package. It is designed to protect components
which are connected to data and transmission lines from
voltage surges.
Features
300W peak pulse power (8/20μs)
Protects two bi-directional lines
Ultra low leakage: nA level
Operating voltage: 5V, 12V, 24V, 36V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
RoHS Compliant
ASM05C through ASM36C
2-Line Bi-directional TVS Diode Array
Part Number
Packaging
Reel Size
ASM05C
3000/Tape & Reel
7 inch
ASM12C
3000/Tape & Reel
7 inch
ASM24C
3000/Tape & Reel
7 inch
ASM36C
3000/Tape & Reel
7 inch
Circuit and Pin Schematic
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOT-23
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
Cellular Handsets and Accessories
Notebooks and Handhelds
Portable Instrumentation
Set Top Box
Industrial Controls
Server and Desktop PC
Marking Information
Ordering Information
XXC
1
2
3
Part Number
Marking
ASM05C
05C
ASM12C
12C
ASM24C
24C
ASM36C
36C
XXC = Device Marking


Similar Part No. - ASM05C

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASM05 APMICRO-ASM05 Datasheet
520Kb / 5P
2-Line Uni-directional TVS Diode Array
More results

Similar Description - ASM05C

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SMC24 DIOTECH-SMC24 Datasheet
920Kb / 3P
2-LINE Bi-DIRECTIONAL TVS ARRAY / ESD ARRAY
logo
Applied Power Microelec...
AU0514PD APMICRO-AU0514PD Datasheet
1Mb / 4P
4-Line Bi-directional TVS Diode Array
AU0522S5 APMICRO-AU0522S5 Datasheet
590Kb / 4P
2-Line Bi-directional Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
SMC12W LEIDITECH-SMC12W Datasheet
387Kb / 3P
2-Line Bi-directional TVS Diode Array
SMC05Q LEIDITECH-SMC05Q Datasheet
578Kb / 3P
2-Line Bi-directional TVS Diode Array
SMC24C LEIDITECH-SMC24C Datasheet
802Kb / 4P
2-Line Bi-directional TVS Diode Array
SMC24Q LEIDITECH-SMC24Q Datasheet
625Kb / 3P
2-Line Bi-directional TVS Diode Array
PESD12VL2BT LEIDITECH-PESD12VL2BT Datasheet
280Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD24VL2BT LEIDITECH-PESD24VL2BT Datasheet
225Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD5V0L2BT LEIDITECH-PESD5V0L2BT Datasheet
218Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com