Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMF05C Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASMF05C
Description  5-Line TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASMF05C Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASMF05C Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASMF05C Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASMF05C Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASMF05C Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision 12/2017
1 of 4
www.appliedpowermicro.com
Description
The ASMF05C is a 5V TVS array, utilizing leading mono-
lithic silicon technology to provide fast response time and
low ESD clamping voltage, making this device an ideal
solution for protecting voltage sensitive high-speed data
lines. The ASMF05C complies with the IEC 61000-4-2
(ESD) with ±30kV air and ±30kV contact discharge. It is
assembled into a 6-Pin lead-free SOT-363 package. The
low clamping voltage array make it ideal for use in porta-
ble electronics such as cell phones, PDAs, and digital
cameras.
Features
Low leakage current
Operating voltage: 5V
Low clamping voltage
JEDEC SOT-363 package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 8A (8/20μs)
RoHS Compliant
ASMF05C
5-Line TVS Array
Part Number
Packaging
Reel Size
ASMF05C
3000/Tape & Reel
7 inch
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOT-363
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Applications
Peripherals
Industrial Equipment
Notebook Computers
Portable Instrumentation
Microprocessor Based Equipment
Cell Phone Handsets and Accessories
Personal Digital Assistants (PDAs) and Pagers
Marking Information
Ordering Information
Pin Configuration
1
2
3
6
5
4
F5C= Device Marking Code
S3.3C
F5C


Similar Part No. - ASMF05C

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASMF05L APMICRO-ASMF05L Datasheet
477Kb / 4P
4-Line TVS Array
ASMF05R APMICRO-ASMF05R Datasheet
563Kb / 4P
4-Line TVS Array
More results

Similar Description - ASMF05C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ESDA6V1-5P6 WEITRON-ESDA6V1-5P6 Datasheet
840Kb / 7P
5-Line TVS Array
WGSMF05C WEITRON-WGSMF05C Datasheet
419Kb / 3P
5-Line TVS Array
logo
Sirectifier Global Corp...
L055AT56 SIRECT-L055AT56 Datasheet
341Kb / 3P
50W 5-Line Array Surface Mount TVS Diodes
logo
Applied Power Microelec...
AU0505S6 APMICRO-AU0505S6 Datasheet
790Kb / 4P
5-Line Unidirection TVS Diode Array
AU0505S6L APMICRO-AU0505S6L Datasheet
715Kb / 4P
5-Line Unidirection TVS Diode Array
logo
TECH PUBLIC Electronics...
SMF05C TECHPUBLIC-SMF05C Datasheet
1Mb / 4P
5-Line TVS Array
TPE05F5C6 TECHPUBLIC-TPE05F5C6 Datasheet
1Mb / 4P
5-Line TVS Array
TPE05H5S6 TECHPUBLIC-TPE05H5S6 Datasheet
1Mb / 4P
Unidirectional 5-Line TVS Array
TPSMF05CT1G TECHPUBLIC-TPSMF05CT1G Datasheet
1Mb / 4P
5-Line TVS Array
ESD5V5U5ULC TECHPUBLIC-ESD5V5U5ULC Datasheet
1Mb / 4P
Low Capactitance 5-Line TVS Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com