Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMF05C Datasheet(PDF) 2 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASMF05C
Description  5-Line TVS Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASMF05C Datasheet(HTML) 2 Page - Applied Power Microelectronics Co.,Ltd.

  ASMF05C Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASMF05C Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASMF05C Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASMF05C Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision 12/2017
2 of 4
www.appliedpowermicro.com
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppk
100
W
Peak Pulse Current (8/20µs)
IPP
8
A
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
6
8.5
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 5V, any I/O pin to ground
Clamping Voltage
VC
8
V
IPP = 1A (8 x 20µs pulse), any I/O
pin to ground
Clamping Voltage
VC
12
V
IPP = 8A (8 x 20µs pulse), any I/O
pin to ground
Junction Capacitance
CJ
60
pF
VR = 0V, f = 1MHz, any I/O pin to
ground
ASMF05C
Note 1: I/O pins are Pin 1, 3, 4, 5, 6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com