Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR05 Datasheet(PDF) 4 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASR05
Description  Low Capacitance TVS Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASR05 Datasheet(HTML) 4 Page - Applied Power Microelectronics Co.,Ltd.

  ASR05 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASR05 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASR05 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASR05 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Revision 12/2017
4 of 4
www.appliedpowermicro.com
SOT-143 Package Outline Drawing
Suggested Land Pattern
Contact Information
Applied Power Microelectronics Co., Ltd.
Website: http://www.appliedpowermicro.com
Email: sales@appliedpowermicro.com
Phone: +86 (0519) 8399 3606
SYM
DIMENSIONS
MILLIMETERS
INCHES
C
2.20
0.087
E1
1.92
0.076
E2
1.72
0.068
G
0.80
0.031
X1
1.00
0.039
X2
1.20
0.047
Y
1.40
0.055
Z
3.60
0.141
A
e
1
2
4
3
e/2
E1
e1
bxN
bbb
C A B
B
A2
aaa
C A B
b1
SIDE VIEW
SEE DETAIL A
H
0.25
C
SEATING
PLANE
GAUGE
PLANE
0
c
L
L1
DETAIL A
D
E
A1
A
C
SEATING PLANE
ccc C
4X
INCHES
.114
L1
b1
E
D
b
e
c
.011
.003
.082
A1
DIM
A
MIN
.000
.031
0.51
0.20
2.64
0.30
0.08
2.10
(.021)
-
-
.075
-
.093
.020
.008
.104
(0.54)
-
1.92BSC
-
-
2.37
2.90
MILLIMETERS
MAX
0.15
1.22
MIN
DIMENSIONS
0.013
MAX
NOM
-
-
.006
.048
NOM
0.80
-
-
3.04
2.80
.110
.120
e1
.008
0.20BSC
L
.015
.020
0.50
0.40
.024
0.60
A2
.029
.035
0.90
0.75
.042
1.07
E1
.051
1.30
0.94
0.76
.037
.029
1.40
1.20
N
4
4
0
-
8°
0°
8°
0°
-
.055
.047
aaa
.006
0.15
bb b
.008
0.20
ccc
.004
0.10
C
Y
Y
E1
G
Z
X2
E2
X1
X1
X1
Applied Power Microelectronics Co., Ltd. (APM) reserves the right to make changes to the product specification and data in this document without notice. APM makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does APM assume any liability arising from the application or use of any products or circuits, and specifically dis-
claims any and all liability, including without limitation special, consequential or incidental damages.
ASR05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com