Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR05 Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASR05
Description  Low Capacitance TVS Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASR05 Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASR05 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASR05 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASR05 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASR05 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision 12/2017
1 of 4
www.appliedpowermicro.com
Description
The ASR05 is a low capacitance TVS diode array, utiliz-
ing leading monolithic silicon technology to provide fast
response time and low ESD clamping voltage, making
this device an ideal solution for protecting sensitive semi-
conductor components from damage. The ASR05 com-
plies with the IEC 61000-4-2 (ESD) with ±30kV air and
±30kV contact discharge. It is assembled into a lead-free
SOT-143 package. It is designed to protect components
which are connected to high speed interfaces and trans-
mission lines from voltage surges.
Features
500W peak pulse power (8/20μs)
Ultra low leakage: nA level
Operating voltage: 5V
Low capacitance for high-speed data line
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 20A (8/20μs)
RoHS Compliant
ASR05
Low Capacitance TVS Diode Array
Part Number
Packaging
Reel Size
ASR05
3000/Tape & Reel
7 inch
Circuit Diagram
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOT-143
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
Video Line Protection
Wireless Systems
Ethernet 10BaseT
I2C Bus Protection
Portable Instrumentation
LAN/WAN equipment
High-Speed Data Lines
Multi-Protocol Serial Transceivers
ISDN S/T Interface
Marking Information
Ordering Information
1
2
3
4
ASR05
Pin Schematic
Pin 4
Pin 2
Pin 3
Pin 1
1
2
3
4


Similar Part No. - ASR05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
ASR01-12S05 P-DUKE-ASR01-12S05 Datasheet
397Kb / 3P
DC-DC CONVERTER
ASR01-12S06 P-DUKE-ASR01-12S06 Datasheet
397Kb / 3P
DC-DC CONVERTER
ASR01-12S08 P-DUKE-ASR01-12S08 Datasheet
397Kb / 3P
DC-DC CONVERTER
ASR01-12S5P2 P-DUKE-ASR01-12S5P2 Datasheet
397Kb / 3P
DC-DC CONVERTER
ASR01-24S09 P-DUKE-ASR01-24S09 Datasheet
397Kb / 3P
DC-DC CONVERTER
More results

Similar Description - ASR05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com