Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7683 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7683
Description  Four Channel Charge Pump Regulator LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7683 Datasheet(HTML) 7 Page - Sipex Corporation

  SP7683 Datasheet HTML 1Page - Sipex Corporation SP7683 Datasheet HTML 2Page - Sipex Corporation SP7683 Datasheet HTML 3Page - Sipex Corporation SP7683 Datasheet HTML 4Page - Sipex Corporation SP7683 Datasheet HTML 5Page - Sipex Corporation SP7683 Datasheet HTML 6Page - Sipex Corporation SP7683 Datasheet HTML 7Page - Sipex Corporation SP7683 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Date: 12/21/04
SP7683 Four Channel Charge Pump LED Driver
© Copyright 2004 Sipex Corporation
PACKAGE: 16 PIN QFN
16 PIN QFN
SEATING PLANE
A1
A
4X غ
A3
A2
D2
NX L
E2
NX K
NX b
e
D
E
SYMBOL
MIN
NOM
MAX
A
0.8
0.9
1
A1
0
0.02
0.05
A2
0
0.65
1
A3
D
E
E2
7.4
7.8
8.2
D2
2.2
2.4
2.6
E2
2.2
2.4
2.6
L
0.45
0.55
0.65
K
0.2
-
-
b
0.25
0.3
0.35
e
Note: Dimensions in (mm)
0.65 BSC
16 Pin QFN JEDEC MO-220 VGGC-4
Variation
0.20 REF
4.00 BSC
4.00 BSC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com