Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7683 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7683
Description  Four Channel Charge Pump Regulator LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7683 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7683 Datasheet HTML 1Page - Sipex Corporation SP7683 Datasheet HTML 2Page - Sipex Corporation SP7683 Datasheet HTML 3Page - Sipex Corporation SP7683 Datasheet HTML 4Page - Sipex Corporation SP7683 Datasheet HTML 5Page - Sipex Corporation SP7683 Datasheet HTML 6Page - Sipex Corporation SP7683 Datasheet HTML 7Page - Sipex Corporation SP7683 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Date: 12/21/04
SP7683 Four Channel Charge Pump LED Driver
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: VIN = 3.6V, MODE = 0V, ILX = 0mA, TA = -40°C to +85°C, typical values at 27º unless
otherwise noted.
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
ISET Voltage to GND.....................................................0.5V
IN, OUT, EN1, EN2 to GND................................-0.3V to 6V
SET, LED1, LED2, LED3, LED4 to GND -0.3V to IN+0.3V
C1N, C2N to GND...........................................-0.3 to IN+1V
C1P, C2P to GND - 0.3V to greater than IN+1 or OUT+1V
OUT Short Circuit to GND.........................Continious
Storage Temperature ........................-65°C to 150°C
Operating Temperature......................-40°C to +85°C
Lead Temperature (Soldering, 10 sec)............300°C
ABSOLUTE MAXIMUM RATINGS
Note 1: Output current Multiplication Ratio (I
LED/ISET) is not linear. For actual ratio and ILED please refer to typical
performance characteristics @ page 4 and page 5 of SP7614 datasheet.
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
t
u
p
n
I7
.
25
.
5V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q5
.3
A
m
V
N
I
V
,
V
5
.
5
-
V
3
=
T
U
O
,
V
6
.
3
=
I
T
U
O
A
µ
0
0
1
=
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S5
.5
.
1A
µV
N
E
V
,
V
0
=
M
W
P
/
N
I
V
5
.
5
=
t
n
e
r
r
u
C
d
a
o
L
m
u
m
i
x
a
M0
0
2A
mV
N
I
V
,
V
2
.
4
=
T
U
O
V
6
.
3
=
V
T
U
O
e
m
I
T
n
o
-
n
r
u
T0
5
20
0
5s
µ
n
o
i
t
a
l
u
g
e
r
%
0
9
n
i
h
t
i
w
B
F
V
,
e
d
o
M
X
5
.
1
T
U
O
I
,
6
.
3
=
T
U
O
A
µ
0
0
1
=
n
o
i
t
a
c
il
p
i
t
l
u
M
t
n
e
r
r
u
C
t
u
p
t
u
O
)
1
e
t
o
N
(
o
i
t
a
R
0
4
10
0
20
6
2I
T
E
S
V
,
A
µ
0
0
1
=
D
E
L
V
3
.
=
g
n
i
h
c
t
a
M
t
n
e
r
r
u
C
D
E
L3
-8
.
03%
s
D
E
L
2
y
n
A
e
g
a
t
l
o
V
e
d
o
h
t
a
C
D
E
L5
.
0V
4
D
-
1
D
s
D
E
L
e
d
o
M
F
F
O
n
i
t
n
e
r
r
u
C1
0
.
01
A
µV
N
E
V
0
=
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O7
.2
.
15
.
1z
H
MV
N
I
V
5
.
5
-
V
7
.
2
=
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
B
F7
7
2
.0
1
3
.2
4
3
.V
I
T
U
O
V
,
A
m
0
2
=
T
U
O
E
D
O
M
X
5
.
1
,
V
6
.
3
=
t
n
e
r
r
u
C
n
i
P
B
F1
0
.
05
.
0A
µV
B
F
V
1
=
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
85
1
s
m
h
O
d
a
o
l
A
m
0
0
1
,
E
D
O
M
X
5
.
1
37
d
a
o
l
A
m
0
0
1
,
E
D
O
M
X
1
V
E
D
O
M
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T1
5
2
.
15
.
1V
V
N
I
g
n
il
l
a
f
V
E
D
O
M
s
i
s
e
r
e
t
s
y
H0
3V
m
V
E
D
O
M
t
n
e
r
r
u
C
n
i
P1
0
.
05
.
0A
µV
E
D
O
M
V
5
2
.
1
=
h
g
i
H
c
i
g
o
L
M
W
P
/
E
L
B
A
N
E6
.
1V
w
o
L
c
i
g
o
L
M
W
P
/
E
L
B
A
N
E4
.
0V
t
n
e
r
r
u
C
n
i
P
M
W
P
/
e
l
b
a
n
E1
0
.
05
.
0A
µV
N
E
V
2
.
4
=
M
W
P
/



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com