Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74HC393D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC393D
Description  Dual 4-Stage Binary Ripple Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC393D Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC393D Datasheet HTML 1Page - ON Semiconductor MC74HC393D Datasheet HTML 2Page - ON Semiconductor MC74HC393D Datasheet HTML 3Page - ON Semiconductor MC74HC393D Datasheet HTML 4Page - ON Semiconductor MC74HC393D Datasheet HTML 5Page - ON Semiconductor MC74HC393D Datasheet HTML 6Page - ON Semiconductor MC74HC393D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Dual 4-Stage
Binary Ripple Counter
High–Performance Silicon–Gate CMOS
The MC54/74HC393 is identical in pinout to the LS393. The device inputs
are compatible with standard CMOS outputs; with pullup resistors, they are
compatible with LSTTL outputs.
This device consists of two independent 4–bit binary ripple counters with
parallel outputs from each counter stage. A
÷ 256 counter can be obtained
by cascading the two binary counters.
Internal flip–flops are triggered by high–to–low transitions of the clock
input. Reset for the counters is asynchronous and active–high. State
changes of the Q outputs do not occur simultaneously because of internal
ripple delays. Therefore, decoded output signals are subject to decoding
spikes and should not be used as clocks or as strobes except when gated
with the Clock of the HC393.
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: 236 FETs or 59 Equivalent Gates
LOGIC DIAGRAM
Q1
Q2
Q3
Q4
CLOCK
RESET
1, 13
2, 12
3, 11
4, 10
5, 9
6, 8
PIN 14 = VCC
PIN 7 = GND
BINARY
COUNTER
MC54/74HC393
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Clock
Reset
Outputs
X
H
L
H
L
No Change
L
L
No Change
L
No Change
L
Advance to
Next State
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Q2b
Q1b
RESET b
CLOCK b
VCC
Q4b
Q3b
Q2a
Q1a
RESET a
CLOCK a
GND
Q3a
Q4a
D SUFFIX
SOIC PACKAGE
CASE 751A–03
N SUFFIX
PLASTIC PACKAGE
CASE 646–06
ORDERING INFORMATION
MC54HCXXXJ
MC74HCXXXN
MC74HCXXXD
Ceramic
Plastic
SOIC
1
14
1
14
J SUFFIX
CERAMIC PACKAGE
CASE 632–08
1
14


Similar Part No. - MC74HC393D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393 ONSEMI-MC74HC393 Datasheet
188Kb / 8P
Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
logo
NXP Semiconductors
MC74HC393 NXP-MC74HC393 Datasheet
2Mb / 196P
converter, and an 8 channel 8-bit PWM with on-chip power driver
November, 1998 Rev. 1.0
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC393A ONSEMI-MC74HC393A Datasheet
180Kb / 11P
Dual 4?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
MC74HC393A ONSEMI-MC74HC393A Datasheet
120Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
More results

Similar Description - MC74HC393D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC393A ONSEMI-MC74HC393A Datasheet
188Kb / 8P
Dual 4-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
System Logic Semiconduc...
SL74HC393 SLS-SL74HC393 Datasheet
50Kb / 7P
Dual 4-Stage Binary Ripple Counter
logo
NXP Semiconductors
74HC4024N PHILIPS-74HC4024N Datasheet
99Kb / 18P
7-stage binary ripple counter
Rev. 03-12 November 2004
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
12-Stage Binary Ripple Counter
logo
ON Semiconductor
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
MC74HC393A ONSEMI-MC74HC393A_14 Datasheet
120Kb / 8P
Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
12-stage binary ripple counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com