Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74HC393D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC393D
Description  Dual 4-Stage Binary Ripple Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC393D Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC393D Datasheet HTML 1Page - ON Semiconductor MC74HC393D Datasheet HTML 2Page - ON Semiconductor MC74HC393D Datasheet HTML 3Page - ON Semiconductor MC74HC393D Datasheet HTML 4Page - ON Semiconductor MC74HC393D Datasheet HTML 5Page - ON Semiconductor MC74HC393D Datasheet HTML 6Page - ON Semiconductor MC74HC393D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC54/74HC393
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
PIN DESCRIPTIONS
INPUTS
Clock (Pins 1, 13)
Clock input. The internal flip–flops are toggled and the
counter state advances on high–to–low transitions of the
clock input.
CONTROL INPUTS
Reset (Pins 2, 12)
Active–high, asynchronous reset. A separate reset is pro-
vided for each counter. A high at the Reset input prevents
counting and forces all four outputs low.
OUTPUTS
Q1, Q2, Q3, Q4 (Pins 3, 4, 5, 6, 8, 9, 10, 11)
Parallel binary outputs Q4 is the most significant bit.
SWITCHING WAVEFORMS
tPHL
VCC
GND
VCC
GND
50%
50%
50%
trec
CLOCK
Q
RESET
Figure 1.
Figure 2.
Figure 3. Test Circuit
Q1
Q2
Q3
Q4
CLOCK
RESET
1, 13
2, 12
3, 11
4, 10
5, 9
6, 8
EXPANDED LOGIC DIAGRAM
* Includes all probe and jig capacitance
CL*
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
CLOCK
Q
90%
90%
50%
10%
tf
tr
VCC
GND
tw
1/fmax
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
C
D
Q
tw
Q
C
D
Q
Q
C
D
Q
Q
C
D
Q
Q



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com