Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT13 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HT13
Description  1.0 AMP. High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HT13 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HT13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HT13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 310 -
HT11 THRU HT18
1.0 AMP. High Efficient Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Molded plastic TS-1
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.20 gram
TS-1
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HT
11
HT
12
HT
13
HT
14
HT
15
HT
16
HT
17
HT
18
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50 100 200 300 400 600 800 1000
V
Maximum RMS Voltage
VRMS
35
70
140 210 280 420 560 700
V
Maximum DC Blocking Voltage
VDC
50 100 200 300 400 600 800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
℃
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
20
15
pF
Typical Thermal Resistance ( Note 3)
R
θJA
100
℃/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on PCB.


Similar Part No. - HT13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT13 TSC-HT13 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
HT1350 HOLTEK-HT1350 Datasheet
83Kb / 6P
Step Counter
June 28, 1999
More results

Similar Description - HT13

ManufacturerPart #DatasheetDescription
logo
Surge Components
HER101 SURGE-HER101 Datasheet
129Kb / 2P
1.0 AMP. High Efficient Rectifiers?
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101 Datasheet
70Kb / 2P
1.0 AMP. High Efficient Rectifiers
HER101 TSC-HER101_1 Datasheet
264Kb / 2P
1.0 AMP. High Efficient Rectifiers
HER101S TSC-HER101S Datasheet
269Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11_1 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER101-UF4001 YANGJIE-HER101-UF4001 Datasheet
507Kb / 2P
1.0 AMP. HIGH EFFICIENT RECTIFIERS
logo
Daya Electric Group Co....
HER101 DAYA-HER101 Datasheet
285Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
DIYI Electronic Technol...
HER101 DYELEC-HER101 Datasheet
711Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com