Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1350 Datasheet (PDF) - Holtek Semiconductor Inc

HT1350 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1350
Download  HT1350 Download
File Size   83.75 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Step Counter

HT1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1350 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1350
Download  HT1350 Click to download

File Size   83.75 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Step Counter

HT1350 Datasheet (HTML) - Holtek Semiconductor Inc


HT1350 Product details

General Description
The HT1350 is a step counter IC implemented in the CMOS technology. It provides an LCD with a whole course (kilometer/mile) as well as the consumed calorie display.
The HT1350 consists of internal oscillator circuit, a step number/kilometer/mile/calorie step counter, a voltage doubler, and an LCD display multiplexer.
The IC can automatically distinguish walking from jogging, thus making appropriate calculations.

Features
• Operating voltage: 1.5V
• Auto walking or jogging detection
• Step number/mileage/kilometer/calorie display
• LCD display
• An oscillator with 32kHz
• Few external components
• Low power consumption
• An LCD with 1/3 duty, 1/2 bias




Similar Part No. - HT1350

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT13 TSC-HT13 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
More results


Similar Description - HT1350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
Total Counter/Time Counter
logo
Contec Co., Ltd
CPSN-CNT-3201I CONTEC-CPSN-CNT-3201I Datasheet
410Kb / 3P
Counter Module 32bit Counter Isolation
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
Counter
KCM-70A-C PF-KCM-70A-C Datasheet
206Kb / 2P
Counter
KCM-70A-V PF-KCM-70A-V Datasheet
206Kb / 2P
Counter
KCM-70-C PF-KCM-70-C Datasheet
243Kb / 2P
Counter
KCM-70-V PF-KCM-70-V Datasheet
243Kb / 2P
Counter
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com