Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1350 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1350
Description  Step Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1350 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1350 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Absolute Maximum Ratings
Supply Voltage.................................-0.3V to 5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
1.3
1.5
1.7
V
IDD
Operating Current
1.5V No load,
fOSC=32kHz
¾
1.5
3
mA
ISTB
Standby Current
1.5V
¾¾
0.5
1
mA
VIL
Input Low Voltage
1.5V
¾¾
¾
0.2VDD
V
VIH
Input High Voltage
1.5V
¾
0.8VDD
¾¾
V
fOSC
System Frequency
1.5V
¾¾
32
¾
kHz
HT1350
4
June 28, 1999
Functional Description
The HT1350 is a step counter IC. It is used to au-
tomatically count the step number taken by a
runner and to display the whole course (kilome-
ter/mile) combined with the calories consumed
on the LCD.
The IC is turned on and off with respect to the
on/off status of a short of spring switch which
corresponds to the up/down motion of the steps.
The output of step number can be changed to
kilometers/miles or calories by counting the to-
tal number of times the step switch is closed.
The IC can automatically distinguish between
walking and jogging and make the according
calculations. The output of the LCD is busy
when the RESET key is pressed. Once the LCD
is in the busy state, the step counter will start
counting at 0 after 0.5 seconds till the runner
stops running and stands still. After the step
counter stops counting, pressing the MODE
key will display the step number®mile®kilo-
meter®calorie in sequence.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com