Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1350 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1350
Description  Step Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1350 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1350 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pad Assignment
Chip size: 2725 ´ 2780 (mm)
2
* The IC substrate should be connected to VDD in the PCB layout artwork.
Unit: mm
Pad No.
X
Y
Pad No.
X
Y
1
-1206.00
1159.50
17
762.00
-1190.50
2
-1206.00
994.50
18
962.00
-1190.50
3
-1206.00
661.70
19
1202.00
-1190.50
4
-1206.00
71.50
20
1202.00
-753.50
5
-1206.00
-159.50
21
1202.00
-335.50
6
-1206.00
-359.50
22
1202.00
-135.50
7
-1206.00
-624.50
23
1202.00
65.50
8
-1206.00
-824.50
24
1202.00
259.50
9
-1098.00
-1190.50
25
1202.00
537.00
10
-898.00
-1190.50
26
1078.00
1167.50
11
-633.00
-1190.50
27
812.00
1167.50
12
-433.00
-1190.50
28
631.00
1167.50
13
-168.00
-1190.50
29
447.00
1167.50
14
32.00
-1190.50
30
-59.00
1167.50
15
297.00
-1190.50
31
-259.00
1167.50
16
497.00
-1190.50
32
-966.00
1167.50
HT1350
2
June 28, 1999
1
17
2
18
3
19
4
20
5
21
6
22
7
23
8
24
9
25
10
26
11
27
12
28
13
29
14
30
15
31
16
32
(0, 0)
T EST 2
T EST 1
OS C 2
OS C 1
OU T 1 7
OU T 1 6
OU T 1 5
OU T 1 4
CO M 2
CO M 1
CP 3
CP 2
CP 1
ST EP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com