Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1350 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1350
Description  Step Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1350 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1350 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pad Description
Pad No
Pad Name
I/O
Internal
Connection
Descriptions
1
TEST2
I/O
¾
For IC test only
2
TEST1
I/O
¾
For IC test only
3
OSC2
O
¾
Oscillator output
4
OSC1
I
¾
Oscillator input
5~18
OUT17~OUT4 O
CMOS
Display data output pads for segments
19~21
COM3~COM1 O
NMOS
Display data output pads for commons
22
CP3
O
*
Bias supply voltage pad for driving the LCD panel
23~24
CP2~CP1
O
*
LCD bias supply voltage control pads
25
STEP
I
CMOS
Pull-high
Step sensor input pad
26
WALK/RUN
I
CMOS
Pull-high
Walk/Run mode manual set pad
27
AUTO/MANU
I
CMOS
Pull-high
Auto detection/Manual set selection pad
28
VDD
I
¾
Positive power supply
29
TEST3
I/O
¾
For IC test only
30
VSS
I
¾
Negative power supply (GND)
31
MODE
O
CMOS
Pull-high
LCD display mode selection
32
RESET
O
CMOS
Pull-high
System reset pad
Approximate internal connection circuits
HT1350
3
June 28, 1999
NM O S O UT
(F o r C O M 1 ~ C O M 3 )
CM O S I N
Pu l l - h i g h
CM O S O UT
OS C I L L A T OR
CP 1 ~ CP 3
VD D
V D D
OS C 1
OS C 2
VD D
CO M 1 ~
CO M 3
VS S
CP 1
CP 3
CP 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com