Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB333X Datasheet(PDF) 36 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB333X Datasheet HTML 32Page - Microchip Technology USB333X Datasheet HTML 33Page - Microchip Technology USB333X Datasheet HTML 34Page - Microchip Technology USB333X Datasheet HTML 35Page - Microchip Technology USB333X Datasheet HTML 36Page - Microchip Technology USB333X Datasheet HTML 37Page - Microchip Technology USB333X Datasheet HTML 38Page - Microchip Technology USB333X Datasheet HTML 39Page - Microchip Technology USB333X Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
USB333x
DS00001880A-page 36
 2009 - 2015 Microchip Technology Inc.
The Over voltage Protection circuit is designed to protect the USB333x from continuous voltages up to 30V on the
RVBUS resistor.
The RVBUS resistor must be sized to handle the power dissipated across the resistor. The resistor power can be found
using the equation below:
For example, protecting a peripheral or device only application to 15V would require a 20kΩ RVBUS resistor with a power
rating of 0.01W. To protect an OTG product to 15V would require a 1kΩ RVBUS resistor with a power rating of 0.1W.
5.6.3
DRIVING EXTERNAL VBUS
The USB333x monitors VBUS as described in VBUS Monitoring and VBUS Pulsing. The USB333x does not provide an
external output for the DrvVbusExternal ULPI register. For OTG and Host applications, the external VBUS supply or
power switch must be controlled by the Link as shown in Figure 8-2.
5.7
USB UART Support
The USB333x provides support for the USB UART interface as detailed in the ULPI specification and the former CEA-
936A specification. The USB333x can be placed in UART Mode using the method described in Section 6.7, and the
regulator output will automatically switch to the value configured by the UART RegOutput bits in the USB IO & Power
Management register. While in UART mode, the Linestate signals cannot be monitored on the DATA[0] and DATA[1]
pins.
5.8
USB Charger Detection Support
The following blocks allow the USB333x to detect when a Battery Charger, Charging Host Port, or a USB Host is
attached to the USB connector. The USB333x can also be configured to appear as a Charging Host Port. The charger
detection circuitry should be disabled during USB operation.
TABLE 5-8:
REQUIRED RVBUS RESISTOR VALUE
Operating Mode
RVBUS
Device only
20kΩ ±5%
OTG Host Capable of less than 100mA of
current on VBUS
1kΩ ±5%
Host or OTG Host capable of >100mA
UseExternalVbusIndicator = 1
1kΩ ±5%
P
RVBUS
Vprotect
5.0
–
()
2
R
VBUS
--------------------------------------------
=
Where:
• Vprotect is the VBUS protection required.
•RVBUS is the resistor value, 1kΩ or 20kΩ.
•PRVBUS is the required power rating of RVBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com