Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB333X Datasheet(PDF) 39 Page - Microchip Technology

Part # USB333X
Description  Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB333X Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB333X Datasheet HTML 35Page - Microchip Technology USB333X Datasheet HTML 36Page - Microchip Technology USB333X Datasheet HTML 37Page - Microchip Technology USB333X Datasheet HTML 38Page - Microchip Technology USB333X Datasheet HTML 39Page - Microchip Technology USB333X Datasheet HTML 40Page - Microchip Technology USB333X Datasheet HTML 41Page - Microchip Technology USB333X Datasheet HTML 42Page - Microchip Technology USB333X Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00001880A-page 39
USB333x
In addition to USB Audio support the switches could also be used to multiplex a second Full Speed USB PHY to the
USB connector. The signal quality will be degraded slightly due to the “on” resistance of the switches. The USB333x
single-ended receivers described in Section 5.2.1 are enabled while in synchronous mode and are disabled when Carkit
Mode is entered.
The USB333x does not provide the DC bias for the audio signals. The SPK_R and SPK_L pins should be biased to
1.65V when audio signals are routed through the USB333x. This DC bias is necessary to prevent the audio signal from
swinging below ground and being clipped by ESD Diodes.
When the system is not using the USB Audio switches, the SPK_R and SPK_L switches should be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com