Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPR Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM4108CPAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPR Datasheet(HTML) 4 Page - Texas Instruments

  PCM4108CPAPR Datasheet HTML 1Page - Texas Instruments PCM4108CPAPR Datasheet HTML 2Page - Texas Instruments PCM4108CPAPR Datasheet HTML 3Page - Texas Instruments PCM4108CPAPR Datasheet HTML 4Page - Texas Instruments PCM4108CPAPR Datasheet HTML 5Page - Texas Instruments PCM4108CPAPR Datasheet HTML 6Page - Texas Instruments PCM4108CPAPR Datasheet HTML 7Page - Texas Instruments PCM4108CPAPR Datasheet HTML 8Page - Texas Instruments PCM4108CPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 10Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
PCM4108
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
DYNAMIC PERFORMANCE WITH 24-BIT DATA(1)
fS = 48kHz
Total harmonic distortion + noise
THD+N
f = 1kHz at 0dBFS
−100
−94
dB
Total harmonic distortion + noise
THD+N
f = 1kHz at −60dBFS
−56
dB
Dynamic range, A-weighted
f = 1kHz at −60dBFS
112
118
dB
Idle channel SNR, A-weighted
All zero input data
119
dB
Idle channel SNR, unweighted
All zero input data
116
dB
Channel separation
f = 1kHz at 0dBFS for active channel
100
110
dB
fS = 96kHz
Total harmonic distortion + noise
THD+N
f = 1kHz at 0dBFS, BW = 10Hz to 40kHz
−100
dB
Total harmonic distortion + noise
THD+N
f = 1kHz at −60dBFS, BW = 10Hz to 40kHz
−53
dB
Dynamic range, A-weighted
f = 1kHz at −60dBFS
118
dB
Idle channel SNR, A-weighted
All zero input data
119
dB
Idle channel SNR, unweighted
All zero input data, BW = 10Hz to 40kHz
113
dB
Channel separation
f = 1kHz at 0dBFS for active channel
110
dB
fS = 192kHz
Total harmonic distortion + noise
THD+N
f = 1kHz at 0dBFS, BW = 10Hz to 40kHz
−97
dB
Total harmonic distortion + noise
THD+N
f = 1kHz at −60dBFS, BW = 10Hz to 40kHz
−53
dB
Dynamic range, A-weighted
f = 1kHz at −60dBFS
118
dB
Idle channel SNR, A-weighted
All zero input data
118
dB
Idle channel SNR, unweighted
All zero input data, BW = 10Hz to 40kHz
113
dB
Channel separation
f = 1kHz at 0dBFS for active channel
110
dB
DYNAMIC PERFORMANCE WITH 16-BIT DATA
fS = 44.1kHz
Total harmonic distortion + noise
THD+N
f = 1kHz at 0dBFS
−92
dB
Total harmonic distortion + noise
THD+N
f = 1kHz at −60dBFS
−33
dB
Dynamic range, A-weighted
f = 1kHz at −60dBFS
96
dB
Idle channel SNR, A-weighted(2)
All zero input data
118
dB
Idle channel SNR, unweighted(2)
All zero input data
115
dB
(1) Dynamic performance parameters are measured using an Audio Precision System Two Cascade or Cascade Plus test system. Input data word
length is 24 bits with triangular PDF dither added for dynamic range and THD+N tests. Idle channel SNR is measured with both the soft and
zero data mute functions disabled and 0% full-scale input data with no dither applied. The measurement bandwidth is limited by using the Audio
Precision 10Hz high-pass filter in combination with either the AES17 20kHz low-pass filter or AES17 40kHz low-pass filter. All A-weighted
measurements are performed using the Audio Precision A-weighting filter in combination with either the 22kHz or 80kHz low-pass filter.
Measurement mode is set to RMS for all parameters. The AVERAGE measurement mode will yield better typical performance numbers.
(2) Idle Channel SNR is not limited by word length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com