Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4108CPAPR Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM4108CPAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM4108CPAPR Datasheet HTML 17Page - Texas Instruments PCM4108CPAPR Datasheet HTML 18Page - Texas Instruments PCM4108CPAPR Datasheet HTML 19Page - Texas Instruments PCM4108CPAPR Datasheet HTML 20Page - Texas Instruments PCM4108CPAPR Datasheet HTML 21Page - Texas Instruments PCM4108CPAPR Datasheet HTML 22Page - Texas Instruments PCM4108CPAPR Datasheet HTML 23Page - Texas Instruments PCM4108CPAPR Datasheet HTML 24Page - Texas Instruments PCM4108CPAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
21
MSB
LSB
MSB
LSB
MS B
LSB
MSB
LSB
LSB
MSB
LSB
MSB
LRCK
BCK
DATA0
DATA1
LRCK
BCK
Audio Data
LRCK
BCK
Audio Data
(a) Left−Justified Data Format
(b) Right−Justified Data Format
(c) I2SData Format
1/f
S
Ch. 1 (DATA0)orCh. 3 (DATA1)
Ch. 5 (DATA2)orCh. 7 (DATA3)
Ch. 2 (DATA0)orCh. 4 (DATA1)
Ch. 6 (DATA2)orCh. 8 (DATA3)
Figure 10. Left-Justified, Right-Justified, and I2S Data Formats
LRCK
BCK
(BCKE = 0)
t
DS
t
DH
t
BKLRD
BCK
(BCKE = 1)
t
LRBKD
t
BCKP
t
BCKHL
P ARAM E TE R
DE S CRIP T IO N
M IN
M A X
UNITS
70
ns
30
ns
10
ns
10
ns
10
ns
10
ns
50
%
BCK Cycle Time
BCK High/Low Time
LRCK Edge to BCK Sampling Edge Delay
BCK Sampling Edge to LRCK Edge Delay
Data Setup Time
Data Hold Time
LRCK Duty Cycle
tBCKP
tBCKHL
tLRBKD
tBKLRD
tDS
t DH
−
Audio Data
Figure 11. Audio Serial Port Timing for Left-Justified, Right-Justified, and I2S Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com