Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT157AT Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT157AT
Description  Fast CMOS Quad 2-Input Multiplexer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT157AT Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT157AT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT157AT Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS2010A 03/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT157T/257T
(25
Ω
Ω
Ω
Ω
Ω Series)PI74FCT2157T/2257T
QUAD 2-INPUT MULTIPLEXER
Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are pro-
duced in the Company’s advanced 0.8 micron CMOS technology,
achieving industry leading speed grades. All PI74FCT2XXX devices
have a built-in 25-ohm series resistor on all outputs to reduce noise
because of reflections, thus eliminating the need for an external
terminating resistor.
The PI74FCT157T/257T and PI74FCT2157T/2257T are high-
speed quad 2-input multiplexers. The common select input can be
used to select four bits of data from two sources. The four buffered
outputs present the selected data in the true (non-inverting) form.
The PI74FCT157T/2157T has a common, active-LOW, Enable
input (E). When E is inactive, all four outputs are held LOW. The
PI74FCT157T/2157T can generate any four of the 16 different
funtions of two variables with one common variable.
The
PI74FCT157T/2157T can be used as a function generator or to
move data from two different groups of registers to a common bus.
The PI74FCT257/2257T has a common Output Enable (OE) input.
When OE is HIGH, all outputs are switched to a high-impedance
state allowing the outputs to interface directly with bus-oriented
systems.
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT157T/257T
(25
Ω
Ω
Ω
Ω
Ω Series)PI74FCT2157T/2257T
Fast CMOS
Quad 2-Input Multiplexer
Product Features:
• PI74FCT157/257/2157/2257T is pin compatible with bipolar
FAST™ Series at a higher speed and lower power
consumption
•25
Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs (25
Ω series only)
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 16-pin 150 mil wide plastic QSOP (Q)
– 16-pin 300 mil wide plastic SOIC (S)
– 16-pin 150 mil wide plastic SOIC (W)
157
ONLY
S
I1B-I1D
I0B-I0D
E
I1A
I0A
257
ONLY
OE
ZB-ZD
ZA
3 OTHER MULTIPLEXERS


Similar Part No. - PI74FCT157AT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT151T PERICOM-PI74FCT151T Datasheet
51Kb / 5P
Fast CMOS 8-Input Multiplexer
PI74FCT153T PERICOM-PI74FCT153T Datasheet
48Kb / 5P
High-Speed CMOS Dual 4-Input Multiplexer
More results

Similar Description - PI74FCT157AT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
logo
Integrated Device Techn...
IDT74FCT157T IDT-IDT74FCT157T Datasheet
135Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDTQS74FCT2157AT IDT-IDTQS74FCT2157AT Datasheet
74Kb / 6P
HIGH-SPEED CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Renesas Technology Corp
IDT74FCT157AT RENESAS-IDT74FCT157AT Datasheet
276Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com