Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF835CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF835CT
Description  Isolation 8.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF835CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBRF835CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF835CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 115 -
RATINGS AND CHARACTERISTIC CURVES (MBRF830CT THRU MBRF8100CT)
FIG.4- TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10
50
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
8
10
CASE TEMPERATURE. ( C)
o
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
0.4
1.0
4
10
40
100
100
200
400
600
1000
800
2000
4000
REVERSE VOLTAGE. (V)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
100
10
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
Tj=75 C
0
0
140
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
25
50
125
100
150
175
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
75
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
MBR
F830C
T-M
BRF860C
T
MBRF8100CT
1.0
1.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com