Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF835CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF835CT
Description  Isolation 8.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF835CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF835CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF835CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 114 -
MBRF830CT THRU MBRF8100CT
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
30 to 100 Volts
Current
8.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: ITO-220AB molded plastic
Terminals: Leads solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight:
0.08 ounce, 2.24 grams
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBRF
830CT
MBRF
835CT
MBR
840CT
MBRF
845CT
MBRF
850CT
MBRF
860CT
MBRF
8100CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
30
35
40
45
50
60
100
V
Maximum RMS Voltage
VRMS
21
24
28
31
35
42
70
V
Maximum DC Blocking Voltage
VDC
30
35
40
45
50
60
100
V
Maximum Average Forward Rectified Current
See Fig. 1
Per Leg
I(AV)
8
4
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage at
(Note 1)
IF= 4A, Tc=25
OC
VF
0.55
0.70
0.80
V
Maximum Instantaneous Reverse Current
at Rated DC Blocking Voltage
@Tc=25
℃
@ Tc=125
℃
IR
5.0
50
mA
mA
Typical Thermal Resistance Per Leg (Note2)
R
θJC
6.0
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Pulse Test: 300us Pulse Width, 1% Duty Cycle
2. Thermal Resistance from Junction to Case Per Leg.
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
PIN 1
PIN 3
PIN 2


Similar Part No. - MBRF835CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF835CT TSC-MBRF835CT Datasheet
114Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT Datasheet
316Kb / 2P
Isolated 8.0 AMPS. Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT Datasheet
187Kb / 2P
8.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF835CT TSC-MBRF835CT Datasheet
248Kb / 3P
8.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF835CT KERSEMI-MBRF835CT Datasheet
848Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF835CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAF820 TSC-SRAF820 Datasheet
84Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
MBRF830CT TSC-MBRF830CT_1 Datasheet
114Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_1 Datasheet
163Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRF850CT KERSEMI-MBRF850CT Datasheet
848Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRF850CT EMMICRO-MBRF850CT Datasheet
848Kb / 2P
Isolation 8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com