Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1715329 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1715329
Description  Printed-circuit board connector - TPC 16/ 9-STF-10,16
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1715329 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1715329 Datasheet HTML 1Page - PHOENIX CONTACT 1715329 Datasheet HTML 2Page - PHOENIX CONTACT 1715329 Datasheet HTML 3Page - PHOENIX CONTACT 1715329 Datasheet HTML 4Page - PHOENIX CONTACT 1715329 Datasheet HTML 5Page - PHOENIX CONTACT 1715329 Datasheet HTML 6Page - PHOENIX CONTACT 1715329 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/us/products/1715329
10/22/2014   Page 5 / 7
Printed-circuit board connector - TPC 16/ 9-STF-10,16 - 1715329
Accessories
Coding profile - CP-PC RD - 1701967
Coding profile, for plugging into the coding ribs of the plug at a later date, insulating material, color: Red
 
 
Additional products
Printed-circuit board connector - IPC 16/ 9-STGF-10,16 - 1975888
Plug component, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number of positions: 9, Pitch: 10.16 mm,
Connection method: Screw connection, Color: green, Contact surface: Silver
 
 
Printed-circuit board connector - ISPC 16/ 9-STGF-10,16 - 1748778
Plug component, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number of positions: 9, Pitch: 10.16 mm,
Connection method: Spring-cage connection, Color: green, Contact surface: Silver
 
 
Base strip - PC 6-16/ 9-G1F-10,16 - 1996401
Header, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number of positions: 9, Pitch: 10.16 mm, Color: green,
Contact surface: Silver, Assembly: Soldering
 
 
Base strip - PC 6-16/ 9-G1FU-10,16 - 1996388
Header, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number of positions: 9, Pitch: 10.16 mm, Color: green,
Contact surface: Silver, Assembly: Soldering
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com