Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1715329 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1715329
Description  Printed-circuit board connector - TPC 16/ 9-STF-10,16
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1715329 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1715329 Datasheet HTML 1Page - PHOENIX CONTACT 1715329 Datasheet HTML 2Page - PHOENIX CONTACT 1715329 Datasheet HTML 3Page - PHOENIX CONTACT 1715329 Datasheet HTML 4Page - PHOENIX CONTACT 1715329 Datasheet HTML 5Page - PHOENIX CONTACT 1715329 Datasheet HTML 6Page - PHOENIX CONTACT 1715329 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/1715329
10/22/2014   Page 1 / 7
Printed-circuit board connector - TPC 16/ 9-STF-10,16 - 1715329
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number of positions: 9, Pitch: 10.16 mm,
Connection method: Screw connection, Color: green, Contact surface: Silver
The figure shows a 5-pos. version of
the product
Product Features
 Simple potential distribution by means of two terminal points per contact
 Plug with double connection and a current carrying capacity of 76 A
 Unlimited 600 V UL approval
 Maximum contact reliability due to integrated double steel spring
 CP-PC RD coding profile
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
22.22 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
10.16 mm
Dimension a
81.28 mm
General
Range of articles
TPC 16/..-STF
Insulating material group
I
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV


Similar Part No. - 1715329

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
17153 CANDD-17153 Datasheet
83Kb / 2P
Radial Lead Inductors
logo
Weidmuller
1715300000 WEIDMULLER-1715300000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
1715303 PHOENIX-1715303 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 7-STF-10,16
1715307 PHOENIX-1715307 Datasheet
503Kb / 13P
MKDS 1,5/16 - PCB terminal block
1715316 PHOENIX-1715316 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 8-STF-10,16
More results

Similar Description - 1715329

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715264 PHOENIX-1715264 Datasheet
172Kb / 9P
Printed-circuit board connector - TPC 16/ 3-STF-10,16
1967524 PHOENIX-1967524 Datasheet
101Kb / 5P
Printed-circuit board connector - PC 16/ 9-STF-10,16
1715248 PHOENIX-1715248 Datasheet
103Kb / 7P
Printed-circuit board connector - TPC 16/ 9-ST-10,16
1715251 PHOENIX-1715251 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 2-STF-10,16
1715277 PHOENIX-1715277 Datasheet
108Kb / 7P
Printed-circuit board connector - TPC 16/ 4-STF-10,16
1715280 PHOENIX-1715280 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 5-STF-10,16
1715293 PHOENIX-1715293 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 6-STF-10,16
1715303 PHOENIX-1715303 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 7-STF-10,16
1715316 PHOENIX-1715316 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 8-STF-10,16
1748697 PHOENIX-1748697 Datasheet
78Kb / 5P
Printed-circuit board connector - ISPC 16/ 9-STF-10,16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com