Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3205 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3205
Description  Complementary to FTA1273
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3205 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3205 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3205 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL D ATA
FTC3205
2012. 10. 31
1/2
Revision No : 0
1. EMITTER
2. COLLECTOR
3. BASE
TO-92L
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
8.2 MAX
5.1 MAX
1.58 MAX
0.7 TYP
1.27 TYP
2.54 TYP
14.20 MAX
D
G
F
E
E
0.55 MAX
B
0.45 MAX
4.10 MAX
L
C
1
2
3
FTC3205
TRANSISTOR (NPN)
FEATURES
Complementary to FTA1273
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (T a=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
Ic= 1mA , IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
µA
DC current gain
hFE
VCE= 2 V, IC= 500 mA
100
320
Collector-emitter saturation voltage
VCE (sat)
IC= 1.5A, IB= 30 mA
2.0
V
Base-emitter voltage
VBE
VCE=2V, IC= 500mA
1.0
V
Transition frequency
fT
VCE= 2 V, IC= 500mA
120
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0,f=1MHZ
13
pF
CLASSIFICATION OF hFE
Y
O
k
n
a
R
Range
0
2
3
-
0
6
1
0
0
2
-
0
0
1


Similar Part No. - FTC3205

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3200 FS-FTC3200 Datasheet
296Kb / 2P
LOW NOISE AUDIO AMPLIFIER APPLICATION
FTC3202 FS-FTC3202 Datasheet
190Kb / 2P
General Purpose Transistor
FTC3203 FS-FTC3203 Datasheet
223Kb / 2P
Complementary to FTA1271
More results

Similar Description - FTC3205

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
KTA1504 MAKOSEMI-KTA1504 Datasheet
139Kb / 2P
Complementary To KTC3875.
C945 MAKOSEMI-C945 Datasheet
99Kb / 2P
Complementary to A733
2SA1662 MAKOSEMI-2SA1662 Datasheet
88Kb / 2P
Complementary to KTC4374
logo
Toshiba Semiconductor
2SB1688 TOSHIBA-2SB1688 Datasheet
32Kb / 4P
complementary to 2sc5174
2SA1932 TOSHIBA-2SA1932 Datasheet
198Kb / 4P
complementary to 2sc5174
logo
First Silicon Co., Ltd
FTA1662 FS-FTA1662 Datasheet
108Kb / 2P
Complementary to FTC4374
FTC3203 FS-FTC3203 Datasheet
223Kb / 2P
Complementary to FTA1271
FTC4374 FS-FTC4374 Datasheet
91Kb / 1P
Complementary to FTA1662
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com