Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3205 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3205
Description  Complementary to FTA1273
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3205 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3205 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3205 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTC3205
2012. 10. 31
2/2
Revision No : 0
0
0
0
AMBIENT TEMPERATURE Ta (℃)
Pc - Ta
10
2k
5k
1k
3
1
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I - V
h
- I
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0.3
1
10
50
0.03
I
- V
C
BE
BE
BASE-EMITTER VOLTAGE V
(V)
0
0
V
- I
C
COLLECTOR CURRENT I
(mA)
k
5
k
1
3
1
0.01
2
4
6
8
10
200
400
600
800
1000
1200
1400
1600
COMMON
EMITTER
Ta=25℃
10
8
6
4
3
2
0
I
=1mA
B
CE(sat)
C
100
10
30
300
0.03
0.05
0.1
0.3
0.5
1
COMMON EMITTER
I
/I
=50
C
B
Ta=-25℃
Ta=25℃
Ta=100℃
20
40
60
80
100
120 140
160
0.2
FE
C
10
30
100
300
30
50
100
300
500
1k
COMMON EMITTER
V
=2V
CE
Ta=100℃
Ta=25℃
Ta=-25℃
0.2
0.4
0.6
0.8
200
400
600
800
1000
1200
1400
1600
COMMON
EMITTER
V
=2V
CE
30
0.5
3
5
0.05
0.1
0.3
0.5
1
3
5
SINGLE
NONREPETITIVE
PULSE Ta=25℃
CURVES MUST BE
DERATED LINEARLY
WITH INCREASE IN
*
I
MAX.(PULSED)
C
*
I
MAX.
(CONTINUOUS)
C
TEMPERATURE
DC
OPERA
TIO
N
Ta
=25
℃
10mS*
100mS*
1S*
0.01
0.4
0.6
0.8
1.0
1.2
10
12
14
1.0
1.2
1.4
1.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com