Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3875 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3875
Description  GENERAL PURPOSE APPLICATION.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3875 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3875 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3875 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3875 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT– 23
2
EMITTER
3
COLLECTOR
1
BASE
2016. 09. 18
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC3875
Revision No : 0
1
3
2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
Excellent hFE Linearity
: hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
High hFE : hFE=70 700.
Low Noise : NF=1dB(Typ.), 10dB(Max.).
Complementary to FTA1504.
MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
30
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : hFE Classification
O:70
140,
Y:120
240,
GR(G):200
400,
BL(L):350
700
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
0.1
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
A
DC Current Gain
hFE(Note)
VCE=6V, IC=2mA
70
-
700
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
-
0.1
0.25
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=10mA
-
0.86
1.0
V
Transition Frequency
fT
VCE=10V, IC=1mA
80
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
2.0
3.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA
f=1kHz, Rg=10k
-
1.0
10
dB
h
Rank
Type Name
Marking
AL
FE


Similar Part No. - FTC3875

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3876 FS-FTC3876 Datasheet
230Kb / 3P
General Purpose Transistors
FTC3876GR FS-FTC3876GR Datasheet
230Kb / 3P
General Purpose Transistors
FTC3876O FS-FTC3876O Datasheet
230Kb / 3P
General Purpose Transistors
FTC3876Y FS-FTC3876Y Datasheet
230Kb / 3P
General Purpose Transistors
More results

Similar Description - FTC3875

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
General purpose application
SBC557 KODENSHI-SBC557 Datasheet
99Kb / 3P
General purpose application
SBT2222AU KODENSHI-SBT2222AU Datasheet
241Kb / 4P
General purpose application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com