Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3875 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3875
Description  GENERAL PURPOSE APPLICATION.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3875 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3875 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3875 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3875 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTC3875
2016. 09. 18
2/3
Revision No : 0
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
10
0 1
COLLECTOR CURRENT I
(mA)
C
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
0.1
0.01
0.1
0.1
COLLECTOR CURRENT I
(mA)
C
V
- I
EMITTER CURRENT I
(mA)
E
V
-
I
I
-
f
BE
BASE-EMITTER VOLTAGE V
(V)
0
0.3
12345
6
40
80
120
160
200
240
280
COMMON EMITTER
Ta=25 C
6 0
5 0
3 0
2 0
1 0
0 5
I =0 2mA
0
B
FE
C
0.3
1
3
10
30
100
300
30
50
100
300
500
1k
3k
COMMON
EMITTER
Ta=100 C
Ta=25 C
Ta=-25 C
V
=6V
CE
CE
V
=1V
CE(sat)
C
0.3
1
3
10
30
100
300
0.03
0.05
0.1
0.3
0.5
1
3
COMMON EMITTER
I /I =10
C B
Ta=100 C
Ta=25 C
Ta=-25 C
BE(sat)
C
0.3
1
3
10
30
100
300
0.3
1
3
5
10
30
0.5
COMMON EMITTER
I /I =10
Ta=25 C
C B
T
E
CE
Ta=25 C
V
=10V
COMMON EMITTER
50
3k
1k
500
300
100
30
-300
-100
-30
-10
-3
-1
-0.3
-0.1
10
B
BE
0.2
0.4
0.6
0.8
1.0
1.2
1
3
10
30
100
300
1k
3k
COMMON EMITTER
V
=6V
CE
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
25
50
75
100
125
150
175
50
100
150
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com