Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3904H Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3904H
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3904H Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3904H Datasheet HTML 1Page - First Silicon Co., Ltd FTC3904H Datasheet HTML 2Page - First Silicon Co., Ltd FTC3904H Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
NPN Silicon
SOT– 23
MAXIMUM RATINGS
Rating
Collector–Emitter Voltage
VCEO
50
Collector–Base Voltage
VCBO
60
Emitter–Base Voltage
VEBO
7.0
Collector Current — Continuous
IC
150
Collector power dissipation
PC
0.2
Junction temperature
Tj
150
Storage temperature
Tstg
-55 ~ +150
ELECTRICAL CHARACTERISTICS(TA = 25 Cunlessotherwisenoted.)
Max
Typ
Min
Symbol
Characteristic
Unit
Collector–Emitter Breakdown Voltage
V(BR)CEO
(IC = 1 mA)
Emitter–Base Breakdown Voltage
V(BR)EBO
(IE = 50 µA)
Collector–Base Breakdown Voltage
V(BR)CBO
(IC = 50 µA)
Collector Cutoff Current
ICBO
(VCB = 60 V)
Emitter cutoff current
IEBO
(VEB = 7 V)
Collector-emitter saturation voltage
VCE(sat)
(IC/ IB = 50 mA / 5m A)
hFE
DC current transfer ratio h FE
(VCE = 6 V, IC = 1mA)
Transition frequency
fT
(VCE = 12 V, IE = – 2mA, f =30MHz )
Output capacitance
Cob
(VCB = 12 V, IE = 0A, f =1MHz )
2
EMITTER
3
COLLECTOR
1
BASE
•
Device
G1F
3000 Tape & Reel
ORDERING INFORMATION
FTC3904H
We declare that the material of product compliance with RoHS requirements.
2010. 01. 18
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC3904H
Revision No : 0
1
3
2
Marking
Shipping
Symbol
Value
Unit
V
V
V
mAdc
W
C
C
50
7
60
-
-
-
270
-
-
-
-
-
-
-
-
-
180
2.0
-
-
-
0.1
0.1
0.4
560
-
3.5
V
V
V
μA
μA
V
-
MHz
pF


Similar Part No. - FTC3904H

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3198 FS-FTC3198 Datasheet
190Kb / 2P
General Purpose Switching Application
FTC3199 FS-FTC3199 Datasheet
256Kb / 2P
High DC Current Gain. Complementary to FTA1267
FTC3200 FS-FTC3200 Datasheet
296Kb / 2P
LOW NOISE AUDIO AMPLIFIER APPLICATION
FTC3202 FS-FTC3202 Datasheet
190Kb / 2P
General Purpose Transistor
FTC3203 FS-FTC3203 Datasheet
223Kb / 2P
Complementary to FTA1271
More results

Similar Description - FTC3904H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com