Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3904H Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3904H
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3904H Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3904H Datasheet HTML 1Page - First Silicon Co., Ltd FTC3904H Datasheet HTML 2Page - First Silicon Co., Ltd FTC3904H Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTC3904H
2010. 01. 18
2/3
Revision No : 0
Vce=6V
Ta=100℃
Ta=25℃
Ta=-25℃
IB=0.08㎃
IB=0.2㎃
IB=0.5㎃
IB=1.1㎃
IB=2㎃
IB=3㎃
IB=5㎃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com